công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • 970-TX..SLASH03

  • AI
    The term **970-TX /03** typically refers to a specific series or version of a **high-voltage power supply module** or an **ignition transformer** often used in industrial burners, boilers, or specialized laboratory equipment (frequently associated with brands like Satronic, Honeywell, or Danfoss in burner control contexts). Below is a breakdown of the electronic components and technical characteristics generally found in this type of module. --- ## 1. Core Technical Specifications These modules are designed to convert standard mains voltage into a high-voltage spark for ignition purposes. | Feature | Specification (Typical) | | :--- | :--- | | **Input Voltage** | 220V - 240V AC | | **Input Frequency** | 50 / 60 Hz | | **Output Voltage** | 7.5 kV - 12 kV (Peak) | | **Duty Cycle** | Intermittent (e.g., 33% over 3 mins) | | **Enclosure Rating** | IP40 / IP54 (Depending on housing) | --- ## 2. Internal Electronic Architecture The "/03" suffix usually denotes a specific revision or output configuration (e.g., plug type or cable length). Internally, the device contains the following electronic stages: ### A. EMI Filter Stage * **Capacitors:** Used to prevent electromagnetic interference from the high-frequency switching from traveling back into the power grid. * **Inductors:** Act as chokes to stabilize current flow. ### B. Solid-State Switching (Inverter) Unlike old-fashioned heavy copper transformers, the "TX" series typically uses an **Electronic Ignitor** design: * **Thyristors/Triacs:** Used to pulse the input current. * **Oscillator Circuit:** Converts the 50Hz mains into a much higher frequency (kHz range). This allows the transformer to be much smaller and more efficient. ### C. High-Voltage Transformer (The Coil) * **Primary Winding:** Receives the low-voltage high-frequency pulses. * **Secondary Winding:** Contains thousands of turns of extremely fine wire to step the voltage up to over 7,000 Volts. * **Ferrite Core:** Used instead of iron to handle high-frequency switching without overheating. ### D. Encapsulation * **Epoxy Resin:** The entire electronic assembly is "potted" or cast in resin. This provides electrical insulation for the high voltage and protects the components from vibration and moisture. --- ## 3. Maintenance and Troubleshooting Because these units are solid-state and sealed, they are generally not repairable at the component level. | Symptom | Potential Electronic Failure | | :--- | :--- | | **No Spark** | Failed oscillator circuit or blown internal thermal fuse. | | **Weak/Intermittent Spark** | Insulation breakdown in the high-voltage coil or carbon tracking. | | **Buzzing Sound** | Loose ferrite core or internal arcing within the resin. | --- ### Safety Warning > **High Voltage Hazard:** The 970-TX series outputs voltages capable of causing severe electric shock or death. Never touch the output terminals or cables while the device is powered.
    ✨ Follow-up Questions
    • ⤷What is the difference between the 970-TX and the 970-EM versions?
    • ⤷ How do I test the secondary resistance of a 970-TX module?
    • ⤷ Can a 970-TX/03 be used for continuous ignition applications?