công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • 932SQL450

  • AI
    ## Overview of the 932SQL450 The **932SQL450** is a specialized high-performance clock generator designed primarily for server-grade motherboards and workstations. It is manufactured by **Renesas Electronics** (formerly IDT - Integrated Device Technology) and is part of their CK420Q series compliant with Intel specifications. --- ### Core Specifications | Feature | Specification | | :--- | :--- | | **Component Type** | Low-power PCIE/QPI Clock Generator | | **Compliance** | Intel CK420Q | | **Voltage Supply** | 3.3V (Vdd) | | **Output Type** | HCSL (Host Clock Signal Level) | | **Package Type** | 64-pin MLF (Micro Lead Frame) or VFQFPN | | **Operating Temperature** | 0°C to +70°C (Commercial Grade) | --- ### Key Internal Components & Functions The 932SQL450 acts as the "heartbeat" of a computer system, synchronizing various high-speed data buses. Its electronic architecture includes: #### 1. Phase-Locked Loops (PLLs) The chip contains multiple internal PLLs that take a single reference frequency (usually from a 25MHz crystal) and multiply/divide it to create multiple specific frequencies required by the CPU and chipset. #### 2. Output Clocks It provides a variety of clock signals, typically including: * **CPU Clocks:** High-stability differential pairs for the processor. * **SRC (Source) Clocks:** Used for PCI Express (PCIe) slots and devices. * **DOT (Display Output) Clocks:** Dedicated 96MHz or 48MHz signals for graphics and USB interfaces. * **REF Clocks:** 14.318MHz outputs for legacy system timing. #### 3. SMBus Interface The part features a 2-wire serial interface (System Management Bus). This allows the BIOS or Operating System to: * Enable or disable specific clock outputs to save power. * Adjust frequencies (overclocking or underclocking). * Monitor the status of the clock generator. --- ### Key Features * **Low Power Consumption:** Designed to meet strict energy standards for data centers. * **Spread Spectrum Support:** It can modulate the clock frequency slightly to reduce Electromagnetic Interference (EMI), helping the device pass FCC/CE certifications. * **Differential Outputs:** Uses HCSL signaling which provides high noise immunity and sharp signal edges for high-speed data transfers (PCIe Gen2/Gen3). --- ### Typical Application Diagram In a standard server environment, the 932SQL450 sits between the **Crystal Oscillator** and the **Chipset/CPU**: ```text [ 25MHz Crystal ] | v [ 932SQL450 Generator ] | +------> [ CPU ] (100MHz / 133MHz) | +------> [ PCIe Slots ] (100MHz) | +------> [ Southbridge/PCH ] (100MHz) | +------> [ USB Controller ] (48MHz) ```
    ✨ Follow-up Questions
    • ⤷ What are the pinout differences between the MLF and VFQFPN packages for this chip?
    • ⤷ How does the SMBus command structure work for enabling/disabling specific clock outputs?
    • ⤷ Can the 932SQL450 be used for PCIe Gen4 or Gen5 applications?