8AT-36-R/
AI

The part number **8AT-36-R** typically refers to a high-performance **Attenuator** (specifically an SMA Fixed Attenuator). These components are essential in RF (Radio Frequency) and microwave engineering to reduce the power of a signal without distorting its waveform.
---
### 1. Key Technical Specifications
Based on standard industry naming conventions for the "8AT" series, here are the primary specifications:
| Parameter | Typical Value |
| :--- | :--- |
| **Component Type** | Fixed Coaxial Attenuator |
| **Attenuation Value** | 36 dB |
| **Frequency Range** | DC to 18 GHz (common for this series) |
| **Connector Type** | SMA (Male to Female) |
| **Impedance** | 50 Ohms |
| **Power Rating** | 2 Watts (Average) |
| **RoHS Compliant** | Yes (indicated by the "-R" suffix) |
---
### 2. Physical Construction
The device is built to withstand high-frequency environments and maintain signal integrity.
* **Housing:** Usually stainless steel or passivated gold-plated brass.
* **Dielectric:** PTFE (Teflon) for low loss and high thermal stability.
* **Contact Pins:** Beryllium copper with gold plating for maximum conductivity and durability over multiple mating cycles.
* **Form Factor:** Cylindrical plug-and-jack design.
---
### 3. Core Functions and Applications
The **8AT-36-R** serves several critical roles in electronic systems:
#### A. Power Level Adjustment
It reduces high-power signals to a level compatible with sensitive measurement equipment (like Spectrum Analyzers) to prevent "clipping" or hardware damage.
#### B. Impedance Matching
By placing an attenuator between a source and a load, it can improve the Voltage Standing Wave Ratio (VSWR), reducing signal reflections that cause interference.
#### C. Isolation
It provides isolation between different stages of an RF circuit, ensuring that changes in one stage do not adversely affect the performance of the preceding stage.
---
### 4. Decoding the Part Number
| Segment | Meaning |
| :--- | :--- |
| **8AT** | Series designation (often refers to 8.5mm body or specific manufacturer series). |
| **36** | The attenuation value in decibels (dB). |
| **R** | RoHS (Restriction of Hazardous Substances) Compliance. |
---
- ⤷
What is the maximum power rating this attenuator can handle before failure?
- ⤷ How does a 36 dB attenuation affect the signal voltage ratio?
- ⤷ Can this component be used in 75 Ohm systems?