công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • 8536SHO2V08H30

  • AI
    The **8536SHO2V08H30** is a specific NEMA-rated magnetic motor starter from the Square D (Schneider Electric) Type S line. It is primarily used to control three-phase AC motors by providing a means to start, stop, and protect the motor from overloads. Below is a breakdown of its electronic and electromechanical components. --- ## 1. Technical Specifications Table | Feature | Specification | | :--- | :--- | | **Manufacturer** | Square D (Schneider Electric) | | **Product Type** | NEMA Magnetic Starter (Type S) | | **NEMA Size** | Size 6 | | **Phase** | 3-Phase | | **Amperage Rating** | 540 Amperes | | **Coil Voltage** | 208V AC @ 60Hz | | **Overload Type** | Motor Logic (Solid State) | | **Enclosure Type** | Open (No external box) | --- ## 2. Key Electronic & Electromechanical Parts ### A. The Magnetic Contactor This is the "heart" of the device. It uses an electromagnetic coil to close high-power contacts. * **The Coil (`V08`):** The `V08` suffix indicates the control voltage is **208V AC**. When power is applied to this coil, it creates a magnetic field that pulls the armature down, closing the main power poles. * **Power Poles:** Three heavy-duty copper contacts designed to handle up to 540A of current. ### B. Solid-State Overload Relay (`H30`) The `H30` designation refers to the **Motor Logic Solid State Overload Relay**. Unlike old-style thermal heaters, this is an electronic component: * **Current Sensing:** It uses internal current transformers (CTs) to monitor the electricity flowing to the motor. * **Trip Class:** Usually selectable (Class 10, 20, or 30), allowing the motor to handle different levels of inrush current without nuisance tripping. * **Phase Loss Protection:** Being electronic, it can detect if one phase drops out and will trip the circuit faster than a thermal unit to prevent motor burnout. ### C. Auxiliary Contacts These are smaller, low-power contacts used for signaling. * **Function:** They tell other parts of a control system (like a PLC or an indicator light) whether the starter is "ON" or "OFF." --- ## 3. Nomenclature Breakdown Understanding the part number helps identify the internal configuration: | Code Segment | Meaning | | :--- | :--- | | **8536** | Square D designation for AC Magnetic Starters. | | **S** | Type S series (NEMA style). | | **H** | High capacity / Size 6 frame. | | **O** | Open Type (designed for installation inside a larger control panel). | | **2** | 3-Pole configuration (3-Phase). | | **V08** | 208V AC 60Hz Control Coil. | | **H30** | Motor Logic Solid State Overload Relay. | --- ## 4. Operational Safety Features * **Latching Mechanism:** The starter uses a mechanical interlock/spring system to ensure contacts snap open quickly, preventing electrical arcing that could weld the parts together. * **Reset Button:** The solid-state relay includes a reset mechanism (manual or automatic) to restart the system once an overload fault has been cleared.
    ✨ Follow-up Questions
    • ⤷ What are the wiring differences between the V08 (208V) coil and a V02 (120V) coil version?
    • ⤷ Can the H30 solid-state overload relay be adjusted for different Full Load Amps (FLA)?
    • ⤷ What type of enclosure is recommended if this starter is moved to an outdoor environment?