8536SHO2V02H676S
AI

The part number **8536SHO2V02H676S** corresponds to a specific configuration of a **Square D (Schneider Electric) Type S Magnetic Starter**. These starters are industrial-grade components used to switch and protect AC motors.
Below is a breakdown of the electronic and electromechanical specifications of this part.
---
### 1. Technical Specifications Table
| Feature | Specification | Description |
| :--- | :--- | :--- |
| **Manufacturer** | Square D (Schneider Electric) | Brand / Line |
| **Product Type** | NEMA Magnetic Starter | Type S |
| **NEMA Size** | Size 6 | Rated for high-current applications |
| **Pole Configuration** | 3-Pole | For 3-Phase AC systems |
| **Voltage Rating** | 600V AC (Maximum) | Operational voltage limit |
| **Coil Voltage** | 120V AC @ 60Hz / 110V AC @ 50Hz | Control circuit power (V02 code) |
| **Overload Protection** | Motor Logic Solid State | Electronic overload protection |
| **Enclosure** | NEMA 1 | General purpose indoor use |
---
### 2. Breakdown of the Part Number (Nomenclature)
To understand the specific electronics inside, we can deconstruct the alphanumeric string:
* **8536**: The Class number for NEMA non-reversing magnetic starters.
* **S**: The physical design series (Type S).
* **H**: Indicates a **Size 6** contactor, which is capable of handling up to **540 Amperes** (Continuous Current).
* **O**: Open-style construction (typically used inside a larger control panel).
* **2**: Number of poles (though standard 8536H are 3-pole units, this digit identifies the configuration).
* **V02**: This is the **Coil Voltage Code**. It specifies that the electromagnetic coil requires 120V AC to pull the contacts closed.
* **H676S**: This suffix indicates a specific **Solid State Overload Relay** (Motor Logic) configuration.
---
### 3. Key Electronic Components
#### A. The Electromagnetic Coil (V02)
The "heart" of the starter is the coil. When energized by 120V, it creates a magnetic field that pulls the heavy-duty power contacts together.
* **Inrush VA:** Large (Size 6 coils require significant power to close).
* **Sealed VA:** Lower (power required to keep the contacts held shut).
#### B. Motor Logic™ Solid State Overload Relay (H676S)
Unlike old-fashioned thermal heaters, this unit uses **Electronic Sensing**:
* **Accuracy:** Uses internal current transformers (CTs) to monitor motor current.
* **Protection:** Provides protection against overloads, phase loss, and phase unbalance.
* **Adjustability:** Features a dial to set the Full Load Amps (FLA) of the specific motor it is protecting.
#### C. Power Contacts
The physical switches made of silver-cadmium oxide. In a Size 6 unit, these are massive components designed to extinguish electrical arcs generated when breaking high-amperage loads.
---
### 4. Typical Applications
* Large industrial water pumps.
* Heavy-duty manufacturing conveyors.
* HVAC Chillers.
* Large Air Compressors.
- ⤷
What is the maximum horsepower rating for a NEMA Size 6 starter at 460V?
- ⤷ How does a solid-state overload relay differ from a standard thermal overload?
- ⤷ What are the wiring requirements for the 120V V02 control coil?