công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • 8536SCO2V03

  • AI
    ## Technical Overview: Square D 8536SCO2V03 The **8536SCO2V03** is a high-performance NEMA-rated magnetic starter manufactured by Schneider Electric under the Square D brand. It is primarily used to start and stop induction motors and provide thermal overload protection. --- ### 1. Technical Specifications | Feature | Specification | | :--- | :--- | | **Product Type** | NEMA Magnetic Starter | | **NEMA Size** | Size 1 | | **Poles** | 3-Pole (3-Phase) | | **Continuous Current Rating** | 27 Amperes | | **Control Voltage** | 240V AC @ 60Hz / 220V AC @ 50Hz | | **Motor Power (HP)** | 7.5 HP @ 230V / 10 HP @ 460/575V | | **Enclosure Type** | Open (No enclosure provided) | | **Overload Type** | Melting Alloy (Thermal) | --- ### 2. Major Electronic & Electromechanical Components The device consists of three main sub-assemblies that work together to control the motor circuit: #### A. The Contactor (Power Switching) The core of the unit is a **NEMA Size 1 Contactor**. It uses a set of high-conductivity silver-cadmium oxide contacts. When the control coil is energized, the electromagnetic force pulls the armature down, closing the three power poles to complete the circuit to the motor. #### B. The Magnetic Coil (V03 Suffix) The **V03** designation specifically identifies the voltage rating of the electromagnetic coil. * **Voltage:** 220V/240V AC. * **Function:** It converts electrical energy into a magnetic field to physically move the contact carrier. * **Terminals:** Usually labeled A1 and A2. #### C. The Overload Relay (Protection) This starter uses a **Melting Alloy Overload Relay**. * **Sensing:** It uses thermal units (heaters) to monitor the current flowing to the motor. * **Protection Logic:** If the motor draws excessive current, the heaters melt a specific solder alloy, releasing a spring-loaded mechanism that opens the control circuit and shuts down the contactor. * **Note:** Thermal units (heaters) are usually sold separately based on the specific Full Load Amps (FLA) of your motor. --- ### 3. Wiring Configuration Example The following represents a typical 3-phase wiring logic: ```text L1, L2, L3 ----> [ Contactor Poles ] ----> [ Overload Heaters ] ----> Motor T1, T2, T3 ^ | [ 240V Control Source (A1/A2) ] ``` --- ### 4. Key Maintenance Parts If you are repairing or maintaining this unit, these are the common replaceable parts: * **Replacement Coil:** Class 9998 Type SB (Verify voltage). * **Contact Kit:** Class 9998 Type SL2 (Includes all 3 poles). * **Thermal Units:** Type B (Selection depends on motor nameplate FLA). ---
    ✨ Follow-up Questions
    • ⤷ What are the specific heater (thermal unit) part numbers for a 5HP motor using this starter?
    • ⤷ Can this starter be converted to run on 120V control power?
    • ⤷ What is the difference between this NEMA starter and an IEC-rated starter?