8502SHO2V08_V01
AI

The **8502SHO2V08_V01** is a specific identification code typically associated with **Square D (Schneider Electric)** Type S NEMA magnetic contactors. Specifically, this code refers to a **NEMA Size 1, 3-Pole, Non-Reversing AC Magnetic Contactor** configured with a specific coil voltage.
Below is the breakdown of its electronic and electromechanical components.
---
## 1. Component Identification (Nomenclature)
The part number follows a strict hierarchy defining its electronic capabilities:
| Code Segment | Meaning | Electronic Specification |
| :--- | :--- | :--- |
| **8502** | Type | AC Magnetic Contactor (Non-reversing) |
| **S** | Series | Type S Series (Modular design) |
| **H** | NEMA Size | Size 1 (Rating for motors up to 7.5 HP at 230V) |
| **O** | Enclosure | Open Style (No external metal box/housing) |
| **2** | Poles | 3-Pole configuration (for 3-phase power) |
| **V08** | Coil Voltage | **208V AC @ 60Hz** |
| **V01** | Coil Variation | Usually indicates a specific revision or 120V secondary control |
---
## 2. Main Electronic Parts
The device is comprised of three primary electronic/mechanical systems:
### A. The Magnetic Coil (V08)
This is the "heart" of the contactor.
* **Function:** An electromagnetic solenoid that, when energized with **208V AC**, creates a magnetic field.
* **Action:** The field pulls the armature down, overcoming spring tension to close the power contacts.
* **Power Consumption:** It has a specific "Inrush" VA (initial power to close) and "Sealed" VA (power required to keep it closed).
### B. Power Contacts (3-Pole)
* **Material:** Typically silver-cadmium oxide alloy to resist welding and arcing.
* **Rating:** Rated for **27 Amperes** (Continuous) for NEMA Size 1.
* **Voltage:** Rated for up to 600V AC.
### C. Auxiliary Contacts
* **Type:** Usually comes with one Normally Open (N.O.) holding circuit contact.
* **Purpose:** Used for "latching" the circuit or providing status feedback to a PLC or indicator light.
---
## 3. Technical Specifications
| Feature | Specification |
| :--- | :--- |
| **Input Phase** | 3-Phase |
| **Current Rating** | 27A (Resistive/Inductive) |
| **Horsepower Rating** | 7.5 HP @ 230V / 10 HP @ 460/575V |
| **Coil Voltage** | 208V AC |
| **Frequency** | 60 Hz |
| **Mounting** | Surface / Panel Mount |
---
## 4. Maintenance and Replacement Parts
Because these are industrial-grade components, specific parts can be replaced without swapping the whole unit:
1. **Replacement Coil:** Part number **31041-400-47** (for the 208V coil).
2. **Contact Kit:** Part number **9998SL3** (includes all stationary and moving contacts).
3. **Armature/Spring:** The mechanical assembly that returns the contacts to the "Off" position.
---
- ⤷
What is the wiring diagram for the 208V coil in this contactor?
- ⤷ How do I add an overload relay to the 8502SHO2V08?
- ⤷ Can this contactor be used with a 240V power supply instead of 208V?