AI

The **8502SHO2V02S** is a specific model of an AC magnetic contactor from the NEMA Type S line, manufactured by Schneider Electric (Square D). This device is an electromechanical switch used for controlling electric motors and large power loads.
Below is a breakdown of its electronic and electromechanical components.
---
## 1. Technical Specifications Overview
This contactor is designed for heavy-duty industrial applications where high reliability and durability are required.
| Feature | Specification |
| :--- | :--- |
| **Product Type** | NEMA Magnetic Contactor |
| **NEMA Size** | Size 0 (18 Amperes) |
| **Poles** | 3-Pole (3-Phase) |
| **Control Voltage** | 120V AC @ 60Hz / 110V AC @ 50Hz |
| **Enclosure Type** | Open (No separate metal/plastic box) |
| **Coil Suffix (V02S)** | 120V AC Control Circuit with Separate Control |
---
## 2. Key Electronic & Mechanical Parts
### A. The Electromagnetic Coil (V02)
The "V02" designation identifies the specific coil voltage.
* **Function:** When energized with 120V AC, it creates a magnetic field that pulls the armature down.
* **Material:** Copper windings insulated by a high-temperature resin.
* **Current Draw:** It has an "inrush" current (to pull the contacts shut) and a lower "sealed" current (to hold them shut).
### B. Power Contacts (3 Poles)
* **Composition:** Silver-cadmium oxide alloy. This material is chosen for its conductivity and resistance to "welding" under high heat/arcing.
* **Action:** Double-break contacts, meaning the circuit is broken in two places per pole to extinguish the electrical arc faster.
### C. Armature and Magnet Frame
* **Core:** Laminated steel plates. Laminations are used to reduce "eddy current" losses and heat buildup during operation.
* **Shading Coils:** Small copper loops embedded in the magnet face to prevent "chattering" (vibration) by maintaining a magnetic hold during the AC zero-crossing.
### D. The "S" Suffix (Separate Control)
* **Circuitry:** The "S" indicates the contactor is wired for a **Separate Control Power Source**.
* **Configuration:** This means the coil is not powered directly from the lines (L1, L2, L3) but rather from an external source (like a transformer or a PLC output).
---
## 3. Wiring Configuration
| Terminal Label | Description |
| :--- | :--- |
| **L1, L2, L3** | Line Input (Main Power) |
| **T1, T2, T3** | Load Output (Motor/Heater connection) |
| **A1, A2** | Coil Terminals (120V Control Signal) |
| **13, 14 (NO)** | Auxiliary Contact (used for status feedback or "holding" circuits) |
---
## 4. Maintenance & Wear Parts
Because this is an electromechanical device, certain parts are considered "consumables":
1. **Contact Kits:** The silver tips eventually pit and erode; they can be replaced without replacing the whole unit.
2. **Replacement Coils:** The coil can burn out if the voltage fluctuates or if the mechanical linkage jams.
3. **Return Springs:** Ensure the contacts pull apart instantly when power is removed.
- ⤷
What is the difference between a NEMA Size 0 and a Size 1 contactor?
- ⤷ How do I wire the 'Separate Control' (S suffix) to a control transformer?
- ⤷ What are the common causes of coil failure in Square D 8502 series contactors?