AI

The **8502SHO2V02SX21** is a specific model of a NEMA-rated magnetic contactor manufactured by **Schneider Electric (Square D)**. These devices are industrial-grade switches used to control high-power electrical loads, typically motors or heating elements.
---
### 1. Technical Specifications Table
| Feature | Specification |
| :--- | :--- |
| **Manufacturer** | Schneider Electric (Square D) |
| **Series** | 8502 (Type S) |
| **NEMA Size** | Size 6 |
| **Continuous Ampere Rating** | 540 Amps |
| **Poles** | 3-Pole (3-Phase) |
| **Coil Voltage** | 110V AC @ 50Hz / 120V AC @ 60Hz |
| **Enclosure Type** | Open (No external box/housing) |
| **Auxiliary Contacts** | Includes custom configuration (indicated by "X" suffix) |
---
### 2. Breakdown of the Model Number
To understand the electronic and mechanical components, we can decode the part number:
* **8502**: Identifies the device as a NEMA Magnetic Contactor (Non-reversing).
* **S**: Indicates the "Type S" design, which is the heavy-duty industrial standard for Square D.
* **H**: Represents the Physical Size/Rating (Size 6).
* **O**: Designates an **Open** type device (designed to be installed inside a larger control panel).
* **2**: Number of poles (though standard 8502S models are typically 3-pole, this digit varies based on power configuration).
* **V02**: The **Coil Voltage Code**. "V02" signifies a 120VAC 60Hz / 110VAC 50Hz control circuit.
* **S**: Indicates a separate control circuit (the coil is powered by a different source than the main load).
* **X21**: This is a **Form Code** indicating factory-installed modifications, usually specific auxiliary contact configurations (e.g., 1 Normally Open / 1 Normally Closed contact).
---
### 3. Key Electronic Components
Inside the 8502SHO2V02SX21, several critical components work together:
#### A. The Magnetic Coil (V02)
This is the "brain" of the contactor. When 120V AC is applied to the coil terminals, it creates an electromagnetic field. This field pulls the mechanical armature down, closing the main power contacts.
#### B. Main Power Contacts
Constructed from silver-cadmium oxide or similar high-conductivity alloys, these contacts are designed to handle up to **540 Amps**. In a Size 6 contactor, these are massive replaceable blocks designed to withstand heavy electrical arching.
#### C. Arc Chutes
Because breaking 540A creates a massive electrical arc, the device includes arc chutes. These are ceramic or plastic structures that stretch and extinguish the arc quickly to prevent the contacts from welding together.
#### D. Auxiliary Contacts (X21)
These are smaller, low-power switches attached to the side of the main unit. They move in sync with the main contacts and are used for:
* Signaling a PLC (Programmable Logic Controller).
* Turning on "Run" or "Fault" lights on a panel.
* Interlocking with other contactors for safety.
---
### 4. Typical Applications
Due to its massive **Size 6** rating, this unit is not for household use. It is typically found in:
* Large industrial water pumps.
* Heavy-duty manufacturing conveyors.
* Rock crushers or mining equipment.
* Large-scale HVAC chillers.
- ⤷
What is the difference between a NEMA Size 6 and a NEMA Size 1 contactor?
- ⤷How do I wire the V02 coil for a 120V control circuit?
- ⤷Can the auxiliary contacts on the X21 model be replaced or expanded?