8502SDO2V07X11
AI

The **8502SDO2V07X11** is a specific part number for a NEMA-rated magnetic contactor manufactured by **Schneider Electric (Square D)**. This device is an electromechanical switch used primarily for controlling electric motors or heavy inductive loads.
Below is a breakdown of the electronic and mechanical components based on the model code.
---
### 1. Technical Specifications Table
| Feature | Specification | Description |
| :--- | :--- | :--- |
| **Product Type** | Magnetic Contactor | Non-reversing power switch |
| **NEMA Size** | Size 2 | Rated for higher current/horsepower than Size 0 or 1 |
| **Ampere Rating** | 45 Amps | Continuous current carrying capacity |
| **Pole Configuration** | 3-Pole | Designed for 3-phase AC systems |
| **Coil Voltage** | 550V/600V AC | The "V07" suffix indicates the control voltage |
| **Enclosure Type** | Open | No protective box (intended for panel mounting) |
| **Auxiliary Contacts** | 1 NO / 1 NC | Extra contacts for signaling or interlocking |
---
### 2. Component Analysis (Part Number Deciphering)
The part number follows a specific nomenclature used by Square D (Schneider Electric):
* **8502**: Represents the Type S Magnetic Contactor series (non-reversing).
* **S**: Indicates a "Size" designation follows.
* **D**: Identifies the NEMA Size 2 (45A rating).
* **O**: Indicates "Open" type (no enclosure).
* **2**: Number of poles (often used for 3-pole configurations in this series, but check wiring diagram).
* **V07**: Specifies the **Control Coil Voltage**. In this case, it is 600V AC at 60Hz or 550V AC at 50Hz.
* **X11**: A modification code indicating the inclusion of **one normally open (NO) and one normally closed (NC)** auxiliary contact.
---
### 3. Key Electronic Sub-assemblies
#### A. The Magnetic Coil (The "Brain")
The **V07** coil is an electromagnetic solenoid. When 600V AC is applied to the coil terminals, it creates a magnetic field that pulls the internal armature down, closing the high-power contacts.
#### B. Power Contacts
These are heavy-duty silver alloy points designed to withstand the "arcing" that occurs when high-current motors are started. In a Size 2 unit, these are robust enough to handle roughly 25 HP at 460V.
#### C. Auxiliary Contacts (X11)
These are lower-current switches attached to the side of the main contactor. They are used for:
* **Status feedback:** Telling a PLC if the motor is on or off.
* **Interlocking:** Preventing other equipment from starting unless this contactor is active.
---
### 4. Typical Applications
* **Industrial Motor Control:** Starting and stopping 3-phase motors in manufacturing.
* **Heating Loads:** Controlling large resistive bank heaters.
* **Lighting Control:** Switching large blocks of industrial HID or LED lighting.
- ⤷
What is the maximum horsepower rating for a NEMA Size 2 contactor at 480V?
- ⤷ Can the V07 coil be swapped for a 120V coil if the control circuit changes?
- ⤷ What is the difference between an 8502 and an 8536 model?