8502SDO2V02SX11
AI

The **8502SDO2V02SX11** is a specific model of a NEMA-rated magnetic contactor manufactured by **Schneider Electric (Square D)**. This device is primarily used for switching power to electric motors or other high-current industrial loads.
---
### 1. Technical Specifications Breakdown
The part number provides a detailed map of its electronic and physical characteristics:
| Code Segment | Feature | Description |
| :--- | :--- | :--- |
| **8502** | Product Type | NEMA Magnetic Contactor |
| **S** | Device Series | Type S series (modular industrial design) |
| **D** | Physical Size | NEMA Size 2 (Rated for ~45 Amperes) |
| **O2** | Poles | 2-Pole configuration (typically for single-phase or DC) |
| **V02** | Coil Voltage | 120V AC, 60Hz / 110V AC, 50Hz |
| **SX11** | Special Features | Custom modification code (often involves auxiliary contacts) |
---
### 2. Key Electronic Components
The unit consists of several critical electronic and electromechanical sub-assemblies:
#### A. The Electromagnetic Coil (V02)
This is the "brain" of the contactor. When 120V AC is applied to terminals A1 and A2, the coil generates a magnetic field.
* **Function:** Pulls the armature down to close the power contacts.
* **Rating:** Optimized for standard 120V control circuits.
#### B. Power Contacts (NEMA Size 2)
These are the heavy-duty copper/silver alloy points that actually carry the load current.
* **Amperage:** Rated for up to 45A continuous current.
* **Durability:** Designed to handle high inrush currents (LRA - Locked Rotor Amps) typical of starting electric motors.
#### C. Auxiliary Contacts (SX11)
The "SX11" suffix usually indicates the inclusion of internal auxiliary switches.
* **Configuration:** Typically 1 NO (Normally Open) and 1 NC (Normally Closed) contact.
* **Purpose:** Used for low-current signaling (e.g., turning on an indicator light or sending a "running" signal to a PLC).
---
### 3. Application Use-Case
Because this is a **2-pole** device (O2), it is commonly used in:
1. **Single-Phase Motors:** Switching both legs of a 240V circuit or the hot/neutral of a 120V circuit.
2. **Heating Elements:** Controlling resistive loads in industrial ovens.
3. **Lighting Panels:** Managing large banks of high-intensity discharge (HID) lighting.
---
### 4. Wiring Diagram (Simplified)
```mermaid
graph TD
A[120V Control Signal] --> B[Coil A1/A2]
B --> C{Magnet Energizes}
C --> D[Main Contacts Close]
D --> E[Power Flows to Motor/Load]
C --> F[Aux Contacts Change State]
```
- ⤷
What is the maximum horsepower rating for a NEMA Size 2 contactor at 230V?
- ⤷ How do I replace the V02 coil if it burns out?
- ⤷ What is the difference between a NEMA rated contactor and an IEC rated contactor?