8502SCO2V02SX11_V01
AI

The **8502SCO2V02SX11_V01** is a specific configuration of a NEMA-rated magnetic contactor produced by Schneider Electric (Square D). This device is primarily used for switching non-inductive loads (like heaters) or controlling electric motors.
### Technical Specifications Breakdown
The model number encodes the specific electronic and physical characteristics of the unit:
| Component Code | Description | Specifications |
| :--- | :--- | :--- |
| **8502** | Type | NEMA Magnetic Contactor |
| **S** | Series | Type S (Standard compact design) |
| **C** | Size | NEMA Size 1 |
| **O** | Enclosure | Open Style (No external box/housing) |
| **2** | Poles | 3-Pole (Typically 3-phase power) |
| **V02** | Coil Voltage | 120V AC @ 60Hz / 110V AC @ 50Hz |
| **SX11** | Auxiliary Contacts | 1 NO (Normally Open) + 1 NC (Normally Closed) |
| **V01** | Factory Modification | Specific control or terminal modification |
---
### Core Electronic Components
The assembly consists of several critical electronic and electromechanical parts:
#### 1. The Magnetic Coil (V02)
The heart of the contactor. When 120V AC is applied to terminals A1 and A2, it creates an electromagnetic field that pulls the movable contacts closed.
* **Inrush VA:** High power required initially to close the contacts.
* **Sealed VA:** Lower power required to maintain the contact position.
#### 2. Main Power Contacts
These are heavy-duty silver-alloy contacts designed to handle high current without welding shut.
* **Current Rating:** For NEMA Size 1, it is typically rated for **27 Amperes** (continuous).
* **Voltage Rating:** Capable of switching up to 600V AC.
#### 3. Auxiliary Contacts (SX11)
These are lower-current contacts used for logic signaling rather than powering the load.
* **1 NO (Normally Open):** Used for "seal-in" circuits or status lights (tells a PLC the motor is ON).
* **1 NC (Normally Closed):** Used for interlocking (preventing two devices from running at once).
#### 4. Arc Suppressors (Optional/Internal)
Designed to quench the electrical arc generated when the contacts open under load, extending the lifespan of the silver contact tips.
---
### Wiring Reference
```mermaid
graph TD
A[120V Control Source] --> B(Coil Terminal A1)
B --> C{Electromagnet}
C --> D(Coil Terminal A2)
D --> E[Neutral/Common]
subgraph Power Circuit
L1 --> P1[Contact 1] --> T1
L2 --> P2[Contact 2] --> T2
L3 --> P3[Contact 3] --> T3
end
```
- ⤷
What is the maximum horsepower rating for a NEMA Size 1 contactor at 460V?
- ⤷ Can the V02 coil be swapped for a 24V DC coil in this specific frame?
- ⤷ What is the purpose of the 'V01' suffix in Square D part numbering?