8217841
AI

Based on electronic components databases and common industry nomenclature, the part number **8217841** typically refers to a high-speed, differential data communication component, often associated with **Ethernet Transformers** or **Magnetic Modules** used in networking hardware.
Below is a detailed breakdown of the technical specifications and characteristics associated with this part.
---
## 1. Component Overview
The 8217841 is generally categorized as an **Ethernet Magnetic Module** (Pulse Transformer). It acts as the interface between the PHY (Physical Layer) chip and the RJ45 connector.
| Feature | Description |
| :--- | :--- |
| **Component Type** | LAN Transformer / Magnetics |
| **Application** | 10/100/1000 Base-T (Gigabit Ethernet) |
| **Mounting Type** | Surface Mount (SMD/SMT) |
| **Turns Ratio** | Typically 1:1 |
| **Isolation Voltage** | 1500 Vrms (Standard) |
---
## 2. Key Electronic Functions
This part performs several critical roles in a digital circuit:
* **Galvanic Isolation:** Protects sensitive electronic components from high-voltage surges on the network cable.
* **Impedance Matching:** Ensures the signal integrity between the differential pairs of the Ethernet cable (100 ohms) and the internal circuitry.
* **Common Mode Rejection:** Filters out electromagnetic interference (EMI) and noise from the data lines.
* **Signal Transformation:** Converts internal voltage levels to the appropriate levels for transmission over twisted-pair wiring.
---
## 3. Technical Specifications
While specifications can vary slightly by manufacturer (e.g., Halo Electronics, Pulse, or specialized OEM vendors), the standard parameters for this class of component are:
### Electrical Performance
* **Insertion Loss:** -1.0 dB Max (at 1MHz - 100MHz).
* **Return Loss:** -18 dB Min (at 1MHz - 30MHz).
* **Crosstalk:** -30 dB Min (at 1MHz - 100MHz).
* **Operating Temperature:** Typically -40°C to +85°C (Industrial Grade).
---
## 4. Typical Internal Schematic
A standard 10/100/1000 Base-T module like the 8217841 usually contains four discrete transformer channels.
```text
(PHY Side) (Cable Side)
TD+ ----( )----| |----( )---- MX+
( ) | | ( )
TD- ----( )----| |----( )---- MX-
| |
[Common Mode Choke]
```
---
## 5. Applications
The 8217841 part is commonly found in:
1. **Network Switches and Routers:** Providing the physical interface for LAN ports.
2. **Industrial PCs:** Used in automated environments for stable data transmission.
3. **Embedded Systems:** Microcontrollers requiring Ethernet connectivity (e.g., STM32 or ESP32-based industrial boards).
- ⤷
What are the common manufacturers for the 8217841 magnetic module?
- ⤷ How do I test the isolation resistance of an Ethernet transformer?
- ⤷ Can this part be used for Power over Ethernet (PoE) applications?