8134-AF5-D-R
AI

The **8134-AF5-D-R** is a specific part number typically associated with an Integrated Circuit (IC), most commonly identifying a **Voltage Detector** or **Microprocessor Reset Circuit** manufactured by UTC (Unisonic Technologies Co., Ltd).
---
## 1. Component Overview
This component is designed to monitor power supply rails. When the voltage drops below a pre-defined threshold, the device triggers a reset signal to a microcontroller or microprocessor to prevent erratic behavior or data corruption.
### Technical Specifications
| Feature | Description |
| :--- | :--- |
| **Part Series** | 8134 Series |
| **Detection Voltage** | 3.4V (indicated by '34') |
| **Output Type** | Open Drain (usually 'N-channel') |
| **Package Type** | SOT-25 / SOT-23-5 (indicated by 'AF5') |
| **Accuracy** | ±2% |
| **Low Current Consumption** | Typically < 1.0 µA |
---
## 2. Part Number Breakdown
The suffix and prefix characters provide specific information about the physical and electrical characteristics:
| Code | Meaning |
| :--- | :--- |
| **81** | Series code for Voltage Detectors |
| **34** | Voltage Threshold (3.4 Volts) |
| **AF5** | Package Type (SOT-25) |
| **D** | Output functionality (Often represents "Delay" or specific logic) |
| **R** | Tape and Reel packaging (standard for automated assembly) |
---
## 3. Typical Pin Configuration (SOT-25)
In a standard SOT-25 package for this series, the pins are usually assigned as follows:
1. **Vout**: Reset Output (active low or high depending on model)
2. **Vdd**: Power Supply/Input Voltage
3. **Vss**: Ground (GND)
4. **NC/CD**: No Connection or External Delay Capacitor
5. **NC**: No Connection
---
## 4. Common Applications
* **Microprocessor Reset:** Providing a stable reset signal during power-up or power-down.
* **Battery Life Monitoring:** Detecting when a battery reaches a critical low-voltage state.
* **Level Discriminator:** Sensing specific voltage levels to trigger peripheral components.
* **Memory Backup Switching:** Ensuring data integrity before power fails.
---
## 5. Equivalent/Alternative Parts
If you are unable to find the UTC 8134-AF5-D-R, you may look for functional equivalents such as:
* **XC61C Series** (Torex Semiconductor)
* **HT70xx Series** (Holtek)
* **MAX809** (Various manufacturers - check pinout carefully as it may differ)
- ⤷
What is the maximum input voltage rating for the 8134 series?
- ⤷ How does the 'Open Drain' output affect the circuit design?
- ⤷ Is there a lead-free or halogen-free version of this part?