công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • 7Z1-R

  • AI
    The **7Z1-R** refers to a specific series of **Wire-to-Board Crimp Terminal Housings**, most commonly associated with manufacturers like **JST** (Japan Solderless Terminals) or compatible electronic component suppliers. These are essential for creating secure, modular electrical connections. --- ## 1. Technical Specifications The 7Z1-R is typically part of a connector system designed for high-density applications where space is limited. | Feature | Specification (Typical) | | :--- | :--- | | **Component Type** | Connector Housing (Female) | | **Pitch** | 1.5mm or 2.0mm (Varies by specific series) | | **Configuration** | Single Row | | **Mounting Type** | Cable Mount (Crimp) | | **Material** | Nylon 66 (UL94V-0 Rated) | | **Operating Temperature** | -25°C to +85°C | --- ## 2. Component Structure The 7Z1-R system consists of three main parts to complete a circuit: 1. **The Housing (7Z1-R):** The plastic shell that holds the metal terminals in place and provides insulation between pins. 2. **Crimp Terminals:** Metal pins that are crimped onto the end of a wire and then inserted into the 7Z1-R housing. 3. **The Header:** The male part of the connector, usually soldered onto a Printed Circuit Board (PCB). --- ## 3. Key Characteristics ### Locking Mechanism The "R" suffix often denotes a **friction lock** or a specific **rear-latching** mechanism. This ensures that vibration or minor pulling does not cause the connector to disconnect from the PCB header. ### Polarized Design The housing is shaped (keyed) so that it can only be inserted into the header in one direction. This prevents reverse polarity, which could damage sensitive electronic components. ### Applications * **Consumer Electronics:** Internal wiring for printers, monitors, and appliances. * **Industrial:** Sensor connections and control board wiring. * **LED Lighting:** Power delivery to LED strips or modules. --- ## 4. Usage Example (Wiring Logic) When integrating a 7Z1-R into a project, the wiring sequence follows this logic: ```markdown 1. Strip the wire (approx 1.5mm - 2.0mm). 2. Crimp the metal terminal onto the wire using a crimping tool. 3. Insert the terminal into the 7Z1-R housing until it clicks. 4. Plug the 7Z1-R housing into the PCB Header. ```
    ✨ Follow-up Questions
    • ⤷ What is the maximum current rating for the 7Z1-R connector?
    • ⤷ Which specific crimp tool is recommended for 7Z1-R terminals?
    • ⤷ Are there waterproof versions of the 7Z1-R housing available?