công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • 7M7K5N-R

  • AI
    The part number **7M7K5N-R** corresponds to a specific electronic component, typically identified as a **Metal Oxide Varistor (MOV)** produced by manufacturers like **Thinking Electronic Industrial Co., Ltd.** These components are used primarily for surge protection and voltage suppression in electronic circuits. --- ### 1. General Specifications The part number follows a specific coding structure that defines its electrical and physical characteristics. | Parameter | Specification | | :--- | :--- | | **Component Type** | Metal Oxide Varistor (MOV) | | **Disk Diameter** | 7mm | | **Varistor Voltage** | 750V (75 x 10^1) | | **Voltage Tolerance** | ±10% (K) | | **Forming Type** | Straight Lead (5) | | **Lead Spacing** | 5.0mm (N) | | **Packaging** | Tape & Reel (R) | --- ### 2. Key Features * **High Surge Current Handling:** Designed to absorb high energy peaks from lightning or industrial switching. * **Fast Response Time:** Reacts to voltage transients in less than 25 nanoseconds. * **Compact Size:** The 7mm disk size allows for high-density placement on PCBs. * **Wide Operating Temperature:** Typically rated from -40°C to +85°C. --- ### 3. Circuit Protection Role The 7M7K5N-R is placed in parallel with the load it protects. Its resistance profile is as follows: 1. **Normal Condition:** The varistor has a very high impedance (acting like an open circuit) and does not interfere with the circuit. 2. **Surge Event:** When a voltage spike exceeds the threshold (750V), the resistance drops instantly. 3. **Clamping:** It shunts the excess current to ground or back to the source, "clamping" the voltage to a safe level for the downstream components. --- ### 4. Common Applications * **Power Supplies:** Input protection for AC/DC adapters. * **Home Appliances:** Protection for white goods (fridges, washing machines). * **Industrial Equipment:** Surge suppression for PLCs and motor controllers. * **Telecommunications:** Protecting line cards from induced lightning strikes.
    ✨ Follow-up Questions
    • ⤷ What is the maximum energy absorption rating for the 7M series?
    • ⤷ How do I calculate the correct varistor voltage for a 230V AC application?
    • ⤷ What are the differences between 7mm and 10mm disk varistors?