công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • 7B47-R-08-2

  • AI
    The **7B47-R-08-2** is a specific model within the Analog Devices **7B Series** of signal conditioning modules. These modules are designed to interface low-level sensor signals (like thermocouples) with industrial control systems such as PLCs or DAQ systems. ### 1. Component Overview The 7B47 series specifically handles **Thermocouple inputs**. The suffix codes define the sensor type, temperature range, and output voltage. | Specification | Detail | | :--- | :--- | | **Module Type** | Isolated Thermocouple Input Module | | **Thermocouple Type** | Type R (Platinum / Rhodium) | | **Input Range** | 0°C to +1750°C | | **Output Range** | 0V to +10V DC | | **Isolation** | 1500V rms (Input-to-Output/Power) | | **Power Supply** | +14V to +35V DC | --- ### 2. Key Electronic Features #### A. Signal Linearization Type R thermocouples are non-linear. The 7B47-R-08-2 contains internal circuitry that performs **piecewise approximation** to linearize the signal, ensuring that the 0-10V output is directly proportional to the temperature in degrees Celsius. #### B. Cold Junction Compensation (CJC) Thermocouples measure the difference between two junctions. This module includes an internal thermistor to monitor the terminal temperature and mathematically "compensate" for it, providing an accurate absolute temperature reading. #### C. Galvanic Isolation The module uses transformer coupling to provide **1500V rms isolation**. This protects the control system from high-voltage transients on the sensor lines and eliminates ground loops. #### D. Filtering and Protection * **Low Pass Filter:** It includes a multi-pole filter (typically around 3Hz) to reject 50/60Hz line noise. * **Input Protection:** The input pins are protected against accidental connection to 240V AC power lines. --- ### 3. Pinout and Connection Logic | Pin Number | Function | Description | | :--- | :--- | :--- | | **1 & 2** | Input (+ / -) | Connect Type R Thermocouple wires | | **17 & 18** | Output (+ / -) | 0 to 10V DC Analog Signal | | **19 & 20** | Power (+ / -) | +24V DC (Standard supply) | --- ### 4. Application Example ```python # Conversion Logic for 7B47-R-08-2 # Range: 0 to 1750 C -> Output: 0 to 10 V def calculate_temp(voltage_out): max_temp = 1750 max_voltage = 10.0 return (voltage_out / max_voltage) * max_temp # Example: If your PLC reads 5.0 Volts current_temp = calculate_temp(5.0) print(f"Temperature: {current_temp} C") # Output: 875.0 C ```
    ✨ Follow-up Questions
    • ⤷ What are the differences between Type R and Type S thermocouple modules?
    • ⤷ Does this module require a specific backplane for mounting?
    • ⤷ How do I troubleshoot a 'downscale' output error on this device?