79D15AL-TM3-R
AI

The **79D15AL-TM3-R** is a specific part number for a linear voltage regulator, typically manufactured by UTC (Unisonic Technologies). This component belongs to the **79xx** family of negative voltage regulators.
---
### 1. Component Overview
The "79" prefix indicates that this is a **Negative Voltage Regulator**, designed to provide a stable negative output voltage from a higher negative input voltage.
| Parameter | Specification |
| :--- | :--- |
| **Output Voltage** | -15V (Fixed) |
| **Output Current** | Up to 0.5A (Typical for 'D' series) |
| **Polarity** | Negative |
| **Package Type** | TO-251 (Vertical Mount) / TO-252 (SMD) |
| **Mounting Type** | Through-hole or Surface Mount (depends on TM3 suffix) |
---
### 2. Part Number Breakdown
The alphanumeric string provides specific details about the component's characteristics:
| Code Segment | Meaning |
| :--- | :--- |
| **79** | Negative Voltage Regulator Series |
| **D** | Medium Current version (typically 0.5A) |
| **15** | Output Voltage (-15 Volts) |
| **A** | Advanced/Improved version (specific accuracy/performance) |
| **L** | Lead-free/RoHS Compliant |
| **TM3** | Package Code (usually refers to TO-251 / TO-252 variation) |
| **R** | Packing style (Tape & Reel) |
---
### 3. Technical Specifications
Linear regulators are valued for their low noise and simplicity. Below are the typical electrical limits for this part:
* **Maximum Input Voltage:** -35V
* **Dropout Voltage:** ~2.0V (The input must be at least -17V to maintain -15V output)
* **Operating Temperature:** -40°C to +125°C
* **Protection Features:**
* Internal Thermal Overload Protection
* Short Circuit Current Limiting
* Output Transistor Safe-Area Compensation
---
### 4. Typical Application Circuit
In a standard configuration, the 79D15AL requires two capacitors to ensure stability and filter noise. Note that the pinout for 79xx series differs from the 78xx (positive) series.
```text
Input (-20V) ----[ In ]-------[ Out ]---- Output (-15V)
| | |
[C1] [GND] [C2]
| | |
Common/GND ---------+-----+------+------- Common/GND
```
* **C1 (Input Capacitor):** 2.2µF (Tantalum) or 10µF (Electrolytic) - Required if the regulator is far from the power supply filter.
* **C2 (Output Capacitor):** 1µF (Tantalum) or 10µF (Electrolytic) - Improves transient response and stability.
---
- ⤷What is the pinout configuration for the 79D15AL in a TO-252 package?
- ⤷ Can I use a 7815 regulator as a substitute for the 79D15AL?
- ⤷ What are the heat dissipation requirements for this regulator at 0.5A load?