79D12AL-TM3-R
AI

The **79D12AL-TM3-R** is a specific part number for a negative voltage regulator. This component is part of the standard "79xx" series, which is designed to provide a stable, fixed negative output voltage from a fluctuating DC input.
### General Specifications
| Feature | Details |
| :--- | :--- |
| **Part Family** | 79xx Series (Negative Voltage Regulator) |
| **Output Voltage** | -12V (Fixed) |
| **Output Current** | Typically up to 1.0A or 1.5A (depending on thermal dissipation) |
| **Polarity** | Negative |
| **Package Type** | TO-251 (IPAK) or TO-252 (DPAK) variants (TM3 often refers to TO-251) |
| **Mounting Type** | Through-hole or Surface Mount (model dependent) |
---
### Key Technical Characteristics
1. **Fixed Output:** The "12" in the part number indicates a fixed **-12V** output. It is not adjustable.
2. **Protection Features:**
* **Internal Thermal Overload Protection:** Shuts down the device if it gets too hot.
* **Short Circuit Current Limiting:** Prevents the device from burning out if the output is shorted to ground.
* **Safe-Area Compensation:** Ensures the internal transistor operates within safe limits.
3. **Dropout Voltage:** This is a linear regulator, meaning the input voltage must be at least 2V–3V more negative than the output (e.g., an input of -14.5V to -15V is required for a stable -12V output).
---
### Pin Configuration
For most TO-251/TO-252 packages in the 79xx series, the pinout is different from the positive (78xx) series. **Always verify with the specific UTC (Unisonic Technologies) datasheet:**
1. **Pin 1 (GND):** Ground reference.
2. **Pin 2 (IN):** Negative Input voltage.
3. **Pin 3 (OUT):** Regulated -12V Output.
*Note: The metal tab is usually connected to the Input (Pin 2).*
---
### Application Example
The 79D12AL is frequently used in **Dual Power Supplies** to provide the negative rail for operational amplifiers (Op-Amps).
```c
// Typical Dual Rail Setup
Positive Rail: 7812 (+12V)
Common: Ground (0V)
Negative Rail: 79D12AL (-12V)
```
---
### Decoding the Suffixes (UTC Standards)
* **79D12:** Negative 12V Regulator.
* **L:** Lead-free/Halogen-free.
* **TM3:** Package code (usually TO-251).
* **R:** Tape & Reel or specific packing method.
- ⤷What is the maximum input voltage for the 79D12AL-TM3-R?
- ⤷ How does the pinout of a 7912 differ from a 7812?
- ⤷ What size heatsink is recommended for a 1A load on this regulator?