79D06AL-TM3-R
AI

The **79D06AL-TM3-R** is a specific part number for a negative voltage regulator, typically manufactured by **Unisonic Technologies (UTC)**. It belongs to the 79xx series of integrated circuits designed to provide a stable, negative output voltage.
---
## 1. Technical Specifications
The part number can be broken down to understand its primary characteristics:
| Feature | Specification |
| :--- | :--- |
| **Type** | Negative Voltage Regulator |
| **Output Voltage** | -6.0V |
| **Max Output Current** | 0.5A (500mA) |
| **Input Voltage (Max)** | -25V to -35V (approximate) |
| **Package Type** | TO-251 (Short Lead / I-PAK) |
| **Operating Temp** | -40°C to +125°C |
---
## 2. Part Number Breakdown
The suffixing and prefixing provide details about the packaging and tolerance:
* **79D06**: The "79" indicates a negative regulator, and "06" indicates a **-6V** output. The "D" typically refers to the 500mA current class.
* **A**: Often refers to a specific voltage tolerance (e.g., ±2% or ±4%).
* **L**: Lead-free/RoHS compliant.
* **TM3**: Indicates the package type, specifically **TO-251** (also known as I-PAK).
* **R**: Tape and Reel or specific packing method.
---
## 3. Pin Configuration
For the TO-251 package, the pinout is usually as follows (viewed from the front):
1. **GND (Ground):** The reference point.
2. **IN (Input):** The unregulated negative voltage input.
3. **OUT (Output):** The regulated -6V output.
*Note: In negative regulators (79xx), the pinout differs from positive regulators (78xx). Always verify with the manufacturer datasheet.*
---
## 4. Key Features & Protection
This IC includes several internal safety mechanisms to prevent failure:
* **Thermal Overload Protection:** Shuts down the IC if it gets too hot.
* **Short Circuit Current Limiting:** Prevents the chip from burning out if the output is grounded.
* **Safe-Area Compensation:** Ensures the output transistor operates within safe limits.
---
## 5. Typical Application Circuit
To ensure stability and reduce noise, capacitors are required at the input and output.
```c
Unregulated (-V) In ----[ 79D06 ]---- Regulated (-6V) Out
|
GND
Components:
- Input Capacitor: 2.2uF Tantalum or 10uF Electrolytic
- Output Capacitor: 1uF Tantalum or 10uF Electrolytic
```
- ⤷
What are the main differences between the 79D06 and the 7806 regulator?
- ⤷ Can this regulator be used for an adjustable voltage output?
- ⤷ What is the maximum power dissipation for the TO-251 package?