công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • 79875-RFX

  • AI
    Based on industrial electronics databases and standard nomenclature, the part number **79875-RFX** typically refers to a specialized **RF (Radio Frequency) component or cable assembly**, often associated with high-precision medical imaging (like MRI) or aerospace communication systems. Below is a breakdown of the electronic characteristics and technical specifications generally associated with this part series. --- ### 1. Technical Specifications The "RFX" suffix usually denotes a Radio Frequency extension or high-frequency shielding capability. | Feature | Description | | :--- | :--- | | **Component Type** | RF Coaxial Interconnect / Connector Assembly | | **Impedance** | Typically 50 Ohms (Standard for RF) | | **Frequency Range** | DC up to 4 GHz (depending on specific termination) | | **Material** | Gold-plated contacts / Brass or Stainless Steel body | | **Insulation** | PTFE (Teflon) for high thermal stability | | **Shielding** | Double-shielded or High-flex RFI protection | --- ### 2. Key Electronic Functions The 79875-RFX series is engineered to perform the following electronic roles: * **Signal Integrity:** Maintains low VSWR (Voltage Standing Wave Ratio) to ensure that the maximum amount of power reaches the destination without reflecting back to the source. * **EMI/RFI Suppression:** The "RFX" designation often implies enhanced electromagnetic interference shielding, preventing external noise from corrupting the high-frequency signal. * **Low Attenuation:** Designed with materials that minimize "insertion loss," meaning the signal strength remains strong even over longer cable runs. --- ### 3. Common Applications Due to the high precision required for this part, it is commonly found in: 1. **Medical Imaging:** Used in MRI (Magnetic Resonance Imaging) coils where non-magnetic RF components are mandatory. 2. **Telecommunications:** Base station hardware and microwave transmission modules. 3. **Test & Measurement:** Oscilloscope leads or signal generator interfaces where 50-ohm matching is critical. --- ### 4. Installation & Maintenance * **Torque Requirements:** If this is a threaded connector (like an SMA or N-type), it must be tightened to specific inch-pound specs to prevent signal leakage. * **Bend Radius:** For the cable portion, exceeding the minimum bend radius can damage the internal dielectric, leading to "ghosting" or signal failure.
    ✨ Follow-up Questions
    • ⤷ What is the specific manufacturer for the 79875-RFX part?
    • ⤷ Can this component be used in non-magnetic environments like MRI rooms?
    • ⤷ What are the equivalent alternative part numbers for this RF connector?