78T18AL-TQ2-R
AI

The **78T18AL-TQ2-R** is a high-current, fixed-output positive voltage regulator. It belongs to the classic 78xx series but is specifically designed for higher current demands and improved thermal performance.
---
### 1. Technical Specifications
The table below highlights the core electrical characteristics of this component:
| Parameter | Specification |
| :--- | :--- |
| **Output Voltage** | +18V DC |
| **Max Output Current** | 3.0 Amperes |
| **Input Voltage (Max)** | 35V DC |
| **Package Type** | TO-263 (D2PAK) |
| **Quiescent Current** | ~5mA to 8mA |
| **Operating Temperature** | -40°C to +125°C |
---
### 2. Part Number Breakdown
Understanding the suffix codes helps identify the specific physical and chemical properties:
* **78T18**: The "T" often signifies "Three Amps," distinguishing it from the standard 1A (7818) or 500mA (78M18) versions.
* **A**: Often denotes an improved accuracy or specific electrical grade.
* **L**: Typically stands for **Lead-Free** (RoHS compliant).
* **TQ2**: Refers to the **TO-263** package (also known as D2PAK), which is a surface-mount package with a large metal tab for heat dissipation.
* **R**: Indicates **Tape & Reel** packaging for automated assembly.
---
### 3. Key Internal Features
The 78T18AL includes several internal protection circuits to ensure stability and safety:
1. **Thermal Overload Protection**: Automatically shuts down the device if the internal junction temperature exceeds safe limits.
2. **Short Circuit Current Limiting**: Limits the peak current to prevent damage to the regulator if the output is grounded.
3. **Safe-Area Compensation**: Adjusts the output current based on the voltage drop across the device to prevent transistor failure.
---
### 4. Typical Application Circuit
To ensure stable operation and prevent oscillation, external capacitors are required.
```c
Input (Vin) ----[ 78T18AL ]---- Output (+18V)
| [ GND ] |
C1 C2
|----------|----------|
GND
```
* **C1 (Input Capacitor):** 0.33µF (Ceramic or Tantalum) — required if the regulator is far from the power supply filter.
* **C2 (Output Capacitor):** 0.1µF to 10µF — improves transient response and stability.
---
### 5. Thermal Management Warning
Because this is a linear regulator, it dissipates heat based on the formula:
`Power = (Vin - Vout) × Iout`.
If you provide 25V at the input and draw 2A, the device must dissipate **14 Watts** of heat. In a TO-263 package, a significant copper pour on the PCB (heat sink) is mandatory to prevent the device from entering thermal shutdown.
- ⤷
What is the minimum dropout voltage required for the 78T18AL to maintain a stable 18V output?
- ⤷ How does the TO-263 package compare to a TO-220 package in terms of thermal dissipation?
- ⤷ Can this regulator be used in a negative voltage circuit?