78R25API
AI

### Overview of the 78R12API (KA78R12API)
The **78R12API** (often manufactured by companies like Fairchild or ON Semiconductor) is a **Low Dropout (LDO) Voltage Regulator** with a specific 4-terminal configuration. It is designed to provide a stable 12V output with an added feature for external control (On/Off).
---
### Key Technical Specifications
| Parameter | Specification |
| :--- | :--- |
| **Output Voltage** | 12V DC (Fixed) |
| **Output Current** | 1.0 Ampere |
| **Dropout Voltage** | Approx. 0.5V at 1A |
| **Input Voltage (Max)** | 35V DC |
| **Package Type** | TO-220F (4-Lead) |
| **Control Function** | High/Low logic for power switching |
---
### Pin Configuration
Unlike standard 3-pin regulators (like the LM7812), the 78R12API has **4 pins**.
1. **Pin 1 (Vin):** Unregulated Input Voltage.
2. **Pin 2 (Vout):** Regulated 12V Output.
3. **Pin 3 (GND):** Ground.
4. **Pin 4 (V_control):** The **ON/OFF** control pin. A high signal (usually >2V) turns the output ON, while a low signal turns it OFF.
---
### Core Features
* **Low Dropout Voltage:** It requires a very small difference between input and output voltage to function (typically 0.5V), making it more efficient than standard regulators.
* **Remote Control:** The 4th pin allows a microcontroller or a simple switch to shut down the regulator to save power.
* **Protection Circuits:**
* **Thermal Shutdown:** Protects the IC if it gets too hot.
* **Over-Current Protection:** Limits output current to prevent damage.
* **Over-Voltage Protection:** Safely handles voltage spikes.
---
### Typical Application Circuit
To use this part effectively, capacitors are required to stabilize the voltage and filter noise.
```cpp
// Basic Schematic Representation
[Input Voltage] ----> Pin 1 (Vin)
|
[Capacitor 0.33uF to GND]
|
[Logic Signal] ----> Pin 4 (Control)
|
[Ground] ----> Pin 3 (GND)
|
[Output 12V] <---- Pin 2 (Vout)
|
[Capacitor 47uF to GND]
```
---
### Common Use Cases
* **Standby Power Supplies:** In TVs or monitors where the device needs to sleep but wake up quickly via a logic signal.
* **Battery Powered Devices:** To minimize power consumption by shutting down specific circuits when not in use.
* **Consumer Electronics:** Providing stable power to audio/video processing chips.
- ⤷
What is the maximum voltage I can safely apply to the Control Pin (Pin 4)?
- ⤷ How does the dropout voltage of the 78R12 compare to the standard LM7812?
- ⤷ What size heatsink is recommended for running this at the full 1A current?