78R15API
AI

## Technical Overview of the 78R15API
The **78R15API** is a positive fixed-voltage regulator belonging to the **Low Dropout (LDO)** family. It is specifically designed to provide a stable **15V output** with an added control feature: a **Reset/ON-OFF control pin**. This makes it highly useful in power management systems where a microcontroller needs to enable or disable specific power rails.
---
### 1. Key Technical Specifications
| Parameter | Specification |
| :--- | :--- |
| **Output Voltage (Vout)** | 15V DC |
| **Max Input Voltage (Vin)** | 35V DC |
| **Max Output Current (Io)** | 1.0 Ampere |
| **Dropout Voltage (Vd)** | Typically 0.5V at 1A |
| **Package Type** | TO-220F-4L (Full mold, 4 pins) |
| **Control Pin** | High level = ON / Low level = OFF |
---
### 2. Pin Configuration (4-Lead TO-220F)
Unlike standard 78xx series regulators (which have 3 pins), the 78Rxx series has 4 pins to accommodate the control function.
| Pin Number | Name | Description |
| :---: | :--- | :--- |
| **1** | **Vin** | Unregulated DC input voltage |
| **2** | **Vout** | Regulated 15V output voltage |
| **3** | **GND** | Ground / Common terminal |
| **4** | **Vdis** | Control pin (Disable/Enable the output) |
---
### 3. Core Functional Features
* **LDO Characteristic:** It can maintain a stable 15V output even when the input voltage is only slightly higher than the output (e.g., 15.5V).
* **Built-in Protection:**
* **Over-Current Protection:** Limits output current to prevent damage during a short circuit.
* **Thermal Shutdown:** Automatically turns off if the internal temperature exceeds safe limits.
* **Safe Operating Area (SOA) Protection:** Protects the internal output transistor.
* **Remote On/Off:** The 4th pin allows digital logic (TTL/CMOS) to turn the regulator on or off, reducing standby power consumption.
---
### 4. Application Example (Basic Circuit)
To use the 78R15API, you typically need two capacitors for stability and noise filtering.
```markdown
Vin (Pin 1) ----[ + 0.33uF C1 - ]---- GND (Pin 3)
Vout (Pin 2) ---[ + 0.1uF C2 - ]----- GND (Pin 3)
Vdis (Pin 4) --- Connected to MCU or Switch
```
* **C1 (Input Capacitor):** Required if the regulator is located far from the power supply filter.
* **C2 (Output Capacitor):** Improves stability and transient response.
---
### 5. Common Use Cases
1. **Industrial Equipment:** Powering 15V sensors or relays that need to be deactivated during sleep modes.
2. **Audio Amplifiers:** Providing clean 15V rails for Op-Amps.
3. **Microcontroller Interfacing:** Allowing a 5V MCU to control the power supply of high-voltage peripheral components.
- ⤷What is the difference between the 78R15 and a standard 7815 regulator?
- ⤷ Can I use the 78R15API without connecting the 4th pin?
- ⤷ What is the maximum power dissipation for the TO-220F package?