78R10API
AI

The **78R10API** is a specialized low-dropout (LDO) linear voltage regulator. It belongs to the "78R" series, which distinguishes itself from standard 78xx regulators by adding a **fourth pin** used for ON/OFF control (remote switching).
---
### 1. General Specifications
The 78R10API is designed to provide a stable 10V output while allowing the system to electronically toggle the power.
| Feature | Specification |
| :--- | :--- |
| **Output Voltage** | Fixed +10V DC |
| **Output Current** | Up to 1.0 Ampere |
| **Dropout Voltage** | Low (typically 0.5V) |
| **Input Voltage (Max)** | Approx. 35V |
| **Package Type** | TO-220F (Full-mold/Insulated) |
| **Control Pin** | High level = ON / Low level = OFF |
---
### 2. Pin Configuration
Unlike standard three-terminal regulators (Input, Ground, Output), this component has four pins.
| Pin Number | Name | Description |
| :---: | :--- | :--- |
| **1** | **Vin** | Unregulated DC Input Voltage |
| **2** | **Vout** | Regulated +10V Output |
| **3** | **GND** | Ground (Common) |
| **4** | **V_ctrl** | ON/OFF Control (TTL/CMOS compatible) |
---
### 3. Key Technical Features
* **Remote Control Function:** By applying a voltage to Pin 4 (usually above 2.0V), the regulator activates. This is ideal for standby modes in electronics like TVs or audio systems to save power.
* **Over-Current Protection:** Built-in circuitry prevents the device from burning out if the output is shorted.
* **Thermal Shutdown:** If the internal temperature exceeds safe limits (usually 150°C), the device shuts itself off.
* **Low Dropout:** It can maintain a 10V output even if the input voltage is only slightly higher (e.g., 10.5V), making it more efficient than standard 7810 regulators.
---
### 4. Basic Application Circuit
The circuit requires minimal external components for stability.
```text
Input (Vin) ----[ 78R10API ]---- Output (10V)
| |
Control -------/ \------- Ground
```
* **Input Capacitor:** Usually 0.33µF or higher to filter high-frequency noise.
* **Output Capacitor:** Usually 47µF or higher (Electrolytic) to ensure stability and improve transient response.
---
### 5. Common Use Cases
1. **Standby Power Supplies:** In consumer electronics where the main CPU needs to turn peripheral power rails on/off.
2. **Audio Equipment:** To isolate power to specific stages to reduce noise when not in use.
3. **Industrial Controllers:** Where remote logic signaling is used to manage power distribution.
- ⤷What is the typical voltage range required for the Control Pin (Pin 4) to turn the regulator on?
- ⤷ Can the 78R10API be used without the Control Pin connected?
- ⤷ How does the 'F' or 'API' designation in the TO-220F package affect heat dissipation?