78L09ML-S08-R
AI

## Technical Overview: 78L09ML-S08-R
The **78L09ML-S08-R** is a fixed-output positive voltage regulator. It belongs to the 78Lxx series, which are low-power versions of the standard 78xx series regulators. This specific part is designed to provide a stable 9V output in a compact surface-mount package.
---
### 1. Key Technical Specifications
| Feature | Specification |
| :--- | :--- |
| **Output Voltage** | +9V DC |
| **Output Current** | Up to 100mA |
| **Input Voltage (Max)** | 30V - 35V |
| **Package Type** | SOP-8 (Small Outline Package) |
| **Operating Temperature** | -40°C to +125°C |
| **Topology** | Linear Regulator (LDO family) |
---
### 2. Part Number Breakdown
Understanding the suffix helps identify the specific physical and chemical properties of the component:
* **78L09**: The base series (78 = Positive regulator, L = Low power/100mA, 09 = 9 Volts).
* **ML**: Often indicates specific tolerance grades or internal manufacturer codes (Lead-free/Halogen-free).
* **S08**: Refers to the **SOP-8** package (8-pin surface mount).
* **R**: Indicates **Tape & Reel** packaging for automated pick-and-place assembly.
---
### 3. Pin Configuration (SOP-8)
In an SOP-8 package, the pins are typically assigned as follows (note: multiple pins are often used for heat sinking):
| Pin Number | Function | Description |
| :--- | :--- | :--- |
| 1 | **Output** | Regulated 9V output |
| 2, 3, 6, 7 | **GND** | Ground / Heat Sink connection |
| 4, 5 | **NC** | No internal connection (usually) |
| 8 | **Input** | Unregulated input voltage |
---
### 4. Internal Protection Features
The 78L09ML-S08-R includes several "fail-safe" mechanisms:
* **Thermal Overload Protection**: Shuts down the device if the internal temperature exceeds safe limits.
* **Short Circuit Current Limiting**: Limits the current if the output is accidentally grounded.
* **Safe Area Protection**: Protects the internal output transistor from damage under high voltage/current stress.
---
### 5. Application Circuit
To ensure stability, capacitors should be placed close to the device pins:
```text
Input (12V-24V) ----[ C_in: 0.33uF ]----( Pin 8 )
|
[ 78L09 ]
|
Output (9V) ----[ C_out: 0.1uF ]----( Pin 1 )
|
Ground ------------------------( Pin 2/3/6/7 )
```
- ⤷
What is the minimum input voltage required for the 78L09 to maintain a stable 9V output?
- ⤷ How does the SOP-8 package compare to the TO-92 version in terms of heat dissipation?
- ⤷ Can this regulator be used for battery-powered applications with high efficiency requirements?