78L08ACD-R1
AI

The **78L08ACD-R1** is a member of the 78Lxx series of fixed-voltage monolithic integrated circuit voltage regulators. It is designed for a wide range of applications, particularly those requiring a stable 8V output at low currents.
---
### 1. Key Technical Specifications
Below are the primary electrical characteristics of the 78L08ACD-R1:
| Parameter | Specification |
| :--- | :--- |
| **Output Voltage** | 8.0 V |
| **Output Current** | Up to 100 mA |
| **Input Voltage (Max)** | 30 V |
| **Dropout Voltage** | ~1.7 V (typical) |
| **Operating Temperature** | 0°C to +125°C |
| **Package Type** | SOIC-8 (Small Outline Integrated Circuit) |
| **Tolerance** | ±5% (standard for 'A' suffix) |
---
### 2. Pin Configuration (SOIC-8)
In the SOIC-8 package, the pinout is often redundant to improve heat dissipation or ease of PCB routing.
| Pin Number | Function | Description |
| :--- | :--- | :--- |
| 1 | **Output** | Regulated 8V output |
| 2, 3, 6, 7 | **GND** | Ground (connected to heat sink/plane) |
| 4, 5 | **NC** | No internal connection |
| 8 | **Input** | Unregulated DC input voltage |
---
### 3. Internal Protection Features
The 78L08ACD-R1 is highly robust due to several built-in safety mechanisms:
* **Internal Thermal Overload Protection:** Automatically shuts down the device if the internal temperature exceeds safe limits.
* **Short-Circuit Current Limiting:** Prevents the device from being destroyed if the output is shorted to ground.
* **Safe-Area Compensation:** Limits the output current as the voltage across the pass transistor increases to keep power dissipation within safe bounds.
---
### 4. Typical Application Circuit
To ensure stability and reduce noise, external capacitors are recommended:
```text
Input (10V-30V) ----[Cin: 0.33uF]----[ 78L08 ]----[Cout: 0.1uF]---- Output (8V)
|
Ground
```
* **Cin:** Required if the regulator is located far from the power supply filter.
* **Cout:** Improves transient response and ensures stability.
---
### 5. Common Use Cases
* **Local On-Card Regulation:** Eliminating noise and distribution problems associated with single-point regulation.
* **Voltage Logic Level Shifting:** Powering 8V logic circuits from a higher voltage rail (e.g., 12V or 24V).
* **Consumer Electronics:** Used in low-power devices like remote controls, sensor modules, and small audio pre-amps.
- ⤷
What is the maximum power dissipation for the SOIC-8 package of this regulator?
- ⤷ How does the 'A' version differ from the standard 78L08 in terms of voltage tolerance?
- ⤷ Can this regulator be used to provide a variable output voltage with external resistors?