công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • 74LCX240WM..

  • AI
    ## Technical Overview of the 74LCX240WM The **74LCX240WM** is a high-performance, low-voltage CMOS octal buffer/line driver. It is specifically designed for low-power, high-speed applications and is widely used in memory address drivers, clock drivers, and bus-oriented transmitters/receivers. ### 1. Key Technical Specifications | Parameter | Description | | :--- | :--- | | **Logic Type** | Buffer/Line Driver, Inverting | | **Number of Elements** | 2 (4 bits per element, total 8 bits) | | **Operating Voltage** | 2.0V to 3.6V (5V tolerant inputs) | | **Output Current** | ±24 mA (at 3.0V) | | **Propagation Delay** | ~6.5 ns (max at 3.3V) | | **Package Type** | SOIC-20 (Small Outline Integrated Circuit) | | **Output State** | 3-State (High, Low, High-Impedance) | --- ### 2. Functional Description The device consists of eight inverting buffers with **3-state outputs**. The buffers are organized into two groups of four. * **Inverting Output:** If the input is HIGH, the output is LOW (and vice versa). * **3-State Logic:** The outputs can be placed in a high-impedance (Hi-Z) state using the Output Enable ($\overline{OE}$) pins. This allows multiple devices to share the same bus lines without interference. * **5V Tolerance:** A standout feature is that the inputs and 3-state outputs can handle up to 5.5V even when the supply voltage ($V_{CC}$) is 3.3V. This makes it an ideal "level shifter" for interfacing 5V legacy systems with modern 3.3V systems. --- ### 3. Pin Configuration (SOIC-20) The 74LCX240WM uses a standard 20-pin layout: | Pin | Function | Description | | :--- | :--- | :--- | | **$\overline{OE}_1, \overline{OE}_2$** | Output Enable | Active LOW; enables the outputs when grounded. | | **$I_0 - I_7$** | Inputs | Data input pins. | | **$\overline{O}_0 - \overline{O}_7$** | Inverting Outputs | Data output pins (inverted). | | **$V_{CC}$** | Power Supply | Positive supply (usually 3.3V). | | **GND** | Ground | 0V Reference. | --- ### 4. Logic Table For one buffer element: | Inputs ($\overline{OE}$) | Input ($I_n$) | Output ($\overline{O}_n$) | | :---: | :---: | :---: | | L | L | H | | L | H | L | | H | X | Z (High Impedance) | --- ### 5. Common Applications * **Signal Buffering:** Strengthening weak signals to drive long PCB traces or multiple loads. * **Bus Interfacing:** Isolating sub-systems on a common data bus. * **Voltage Level Translation:** Safely connecting a 5V microcontroller output to a 3.3V peripheral input.
    ✨ Follow-up Questions
    • ⤷ What is the difference between the 74LCX240 and the 74LCX244?
    • ⤷ How does 5V tolerance work on a 3.3V chip?
    • ⤷ What are the thermal considerations for the SOIC-20 package in this part?