công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • 74CBT16811CDGGRE4

  • AI
    ## Overview of the 74CBT16811CDGGRE4 The **74CBT16811CDGGRE4** is a high-speed CMOS 24-bit Bus Switch manufactured by Texas Instruments. It is primarily used for high-performance data switching and bus isolation in digital systems. --- ### Key Specifications | Parameter | Value / Detail | | :--- | :--- | | **Logic Family** | CBT (Crossbar Technology) | | **Bit Width** | 24-Bit (configured as 2 x 12-bit or 1 x 24-bit) | | **Package Type** | TSSOP-56 (Thin Shrink Small Outline Package) | | **Operating Voltage** | 4.0V to 5.5V | | **Propagation Delay** | Low (typically 0.25 ns) | | **Switch Resistance** | Low ON-state resistance ($R_{on}$) | | **I/O Pins** | 56-pin configuration | --- ### Functional Components 1. **Bus Switch Elements:** The core consists of N-channel FETs that provide a low-resistance path between input and output pins. When the switch is enabled, data flows bi-directionally. When disabled, the ports are in a high-impedance (High-Z) state. 2. **Output Enable ($\overline{OE}$):** It features active-low control pins. When $\overline{OE}$ is low, the switches are closed (connected). When high, the switches are open (disconnected). 3. **Crossbar Technology:** This allows for near-zero propagation delay, meaning the device does not introduce significant timing skews to the high-speed signals passing through it. --- ### Part Number Breakdown The part number follows a specific nomenclature: | Segment | Meaning | | :--- | :--- | | **74** | Standard Logic Prefix | | **CBT** | Crossbar Technology (High speed, low power) | | **16** | Indicates a Wide-Bus width (usually 16 to 24 bits) | | **811** | Specific functional architecture (24-bit FET bus switch) | | **CDGGR** | Package code (TSSOP, Tape & Reel) | | **E4** | Lead-free/RoHS compliant (Green status) | --- ### Applications * **Bus Isolation:** Separating different segments of a data bus to reduce capacitive loading. * **Voltage Level Shifting:** Often used to interface 5V systems with 3.3V systems (with appropriate biasing). * **Hot-Plugging:** Allows for the insertion of cards into a live backplane by isolating the signals until the connection is stable. * **Memory Interfacing:** High-speed switching between memory banks. ---
    ✨ Follow-up Questions
    • ⤷ What is the maximum operating temperature for this component?
    • ⤷ How does the 'E4' suffix specifically relate to environmental compliance?
    • ⤷ Can this switch be used for bidirectional data transmission?