AI

## Technical Overview: 74ABT373CPCX
The **74ABT373CPCX** is a high-performance integrated circuit (IC) belonging to the **ABT (Advanced BiCMOS Technology)** family. It is an 8-bit octal transparent latch with 3-state outputs, designed primarily for bus-oriented applications.
---
### 1. Key Features and Specifications
The device combines the high speed of bipolar logic with the low power consumption of CMOS technology.
| Feature | Specification |
| :--- | :--- |
| **Logic Type** | D-Type Transparent Latch |
| **Number of Channels** | 8-Bit (Octal) |
| **Technology** | BiCMOS (ABT) |
| **Voltage Supply Range** | 4.5V to 5.5V |
| **Output Current** | 32mA (Source) / 64mA (Sink) |
| **Propagation Delay** | ~3.3ns to 4.5ns (typical) |
| **Output Type** | 3-State (High Impedance) |
| **Package Type** | SSOP (Shrink Small Outline Package) |
---
### 2. Functional Pin Description
The 74ABT373 consists of eight D-type latches with shared control logic.
* **D0 – D7 (Data Inputs):** The inputs for the 8 bits of data.
* **Q0 – Q7 (Data Outputs):** The 3-state outputs that mirror the latched data.
* **LE (Latch Enable):** When LE is **High**, the latch is "transparent" (outputs follow inputs). When LE is **Low**, the data is stored (latched).
* **OE (Output Enable):** When OE is **Low**, the outputs are active. When OE is **High**, the outputs are in a high-impedance state (disconnected).
---
### 3. Logic Table (Truth Table)
This table explains how the chip behaves based on the input signals.
| OE | LE | D | Q (Output) | Mode |
| :---: | :---: | :---: | :---: | :--- |
| L | H | H | H | Transparent (High) |
| L | H | L | L | Transparent (Low) |
| L | L | X | Q0 | Latched (Stable) |
| H | X | X | Z | High Impedance |
* *L = Low, H = High, X = Don't Care, Z = High Impedance, Q0 = Previous State*
---
### 4. Applications
The 74ABT373 is commonly used in digital systems for:
* **Address Latching:** Holding memory addresses in microprocessors.
* **Bus Buffering:** Managing data flow between different parts of a computer bus to prevent data collisions.
* **I/O Port Expansion:** Adding more output pins to a microcontroller.
* **Temporary Data Storage:** Storing data briefly during high-speed transitions.
---
### 5. Part Number Breakdown
* **74:** Commercial temperature range.
* **ABT:** Advanced BiCMOS Technology (High speed, high drive).
* **373:** Function code for "Octal Transparent Latch".
* **CPCX:** Package and Taping code (C = SSOP package, P = Lead-free, CX = Tape and Reel).
- ⤷
What is the difference between a transparent latch like the 74ABT373 and a flip-flop like the 74ABT374?
- ⤷ Can this IC be used in a 3.3V logic system even though it is rated for 5V?
- ⤷ What are the advantages of BiCMOS technology over standard CMOS in bus applications?