74ABT373CMSAMX
AI

The **74ABT373CMSAMX** is a high-performance electronic component belonging to the **Advanced BiCMOS (ABT)** technology family. It is an octal transparent latch with 3-state outputs, commonly used for data buffering and memory interfacing.
---
### 1. General Specifications
The part number can be broken down to understand its characteristics:
* **74**: Standard commercial temperature range.
* **ABT**: Advanced BiCMOS Technology (combines the speed of CMOS with the drive capability of Bipolar).
* **373**: Function code for an Octal Transparent D-Type Latch.
* **CMSAMX**: Packaging code (typically referring to SSOP - Shrink Small Outline Package).
### 2. Technical Data Table
| Feature | Specification |
| :--- | :--- |
| **Logic Family** | ABT (Advanced BiCMOS) |
| **Logic Type** | Transparent D-Type Latch |
| **Number of Channels** | 8-Bit (Octal) |
| **Supply Voltage (Vcc)** | 4.5V to 5.5V |
| **Output Current** | High (32mA Source / 64mA Sink) |
| **Propagation Delay** | ~3.3 ns (Typical) |
| **Package** | SSOP-20 (Shrink Small Outline Package) |
| **Output Type** | 3-State (Tri-state) |
---
### 3. Key Pins and Functions
The device operates based on two primary control inputs:
* **Latch Enable (LE):**
* When **High**, the Q outputs follow the D inputs (Transparent mode).
* When **Low**, the data present at the inputs is "latched" and held at the outputs regardless of further input changes.
* **Output Enable ($\overline{OE}$):**
* When **Low**, the outputs are active.
* When **High**, the outputs are placed in a high-impedance state (High-Z), effectively disconnecting the device from the bus.
### 4. Functional Logic Block
```mermaid
graph LR
D[8 Data Inputs] --> L[Latch Storage]
LE[Latch Enable] --> L
L --> O[3-State Buffers]
OE[Output Enable] --> O
O --> Q[8 Data Outputs]
```
### 5. Common Applications
1. **Address Latches:** Used in microcontroller systems to de-multiplex address and data lines.
2. **Bus Buffering:** Providing high-drive capability for driving backplanes or long PCB traces.
3. **Digital Isolation:** Using the 3-state functionality to isolate sections of a shared data bus.
---
- ⤷
What is the difference between the 74ABT373 and the 74HC373?
- ⤷ How does the 'Transparent' mode specifically work in this latch?
- ⤷ What are the advantages of BiCMOS technology over standard CMOS?