74ABT373CMSAMQB
AI

The **74ABT373CMSAMQB** is a high-performance integrated circuit (IC) belonging to the **Advanced BiCMOS Technology (ABT)** family. It is a transparent octal D-type latch with 3-state outputs, designed specifically for driving high-capacitance loads or low-impedance backplanes.
---
## 1. Technical Specifications Overview
| Parameter | Value / Description |
| :--- | :--- |
| **Logic Family** | ABT (Advanced BiCMOS) |
| **Function** | Octal D-Type Transparent Latch |
| **Output Type** | 3-State (Tri-state) |
| **Operating Voltage ($V_{CC}$)** | 4.5V to 5.5V |
| **Current Drive ($I_{OH}/I_{OL}$)** | -32 mA / 64 mA (High Output Drive) |
| **Propagation Delay** | ~3.5 ns to 5.0 ns (Typical) |
| **Package Type** | MSOP/SSOP (Surface Mount) |
| **Military/Space Grade** | Likely designated by "MQB" suffix (Mil-Spec) |
---
## 2. Key Internal Components & Features
### A. The Transparent Latch (D-Type)
The device contains eight independent D-type latches.
- When the **Latch Enable (LE)** input is **HIGH**, the $Q$ outputs follow the $D$ inputs (transparent mode).
- When **LE** transitions to **LOW**, the data present at the $D$ inputs is latched and held at the $Q$ outputs.
### B. 3-State Output Control
The device features an **Output Enable ($\overline{OE}$)** pin.
- **$\overline{OE}$ LOW:** The latched data is presented to the output pins.
- **$\overline{OE}$ HIGH:** The outputs enter a high-impedance (Hi-Z) state, effectively disconnecting the IC from the bus.
### C. BiCMOS Technology
This chip combines **Bipolar** and **CMOS** technologies:
- **CMOS** provides low static power consumption.
- **Bipolar** provides high-speed switching and high current drive capabilities.
---
## 3. Pinout Configuration (Standard 20-Pin)
| Pin Name | Function |
| :--- | :--- |
| $D_0 - D_7$ | Data Inputs |
| $Q_0 - Q_7$ | 3-State Latch Outputs |
| $LE$ | Latch Enable (Active High) |
| $\overline{OE}$ | Output Enable (Active Low) |
| $V_{CC}$ | Positive Supply Voltage |
| $GND$ | Ground |
---
## 4. Part Number Breakdown (Suffix Meaning)
The specific string `CMSAMQB` often denotes high-reliability or military-grade standards:
* **74ABT373**: Core logic family and function.
* **MSAM**: Often refers to a specific package variant (Small Outline / SSOP).
* **QB**: Usually signifies Military Standard (MIL-STD-883) Class B processing, meaning the part is screened for extreme temperature ranges and reliability.
---
## 5. Logic Truth Table
| $\overline{OE}$ | $LE$ | $D$ | Output ($Q$) | Status |
| :---: | :---: | :---: | :---: | :--- |
| L | H | H | H | Transparent (Output = Input) |
| L | H | L | L | Transparent (Output = Input) |
| L | L | X | $Q_0$ | Latched (Holds previous state) |
| H | X | X | Z | High Impedance (Disconnected) |
---
- ⤷
How does the 'ABT' logic family compare to 'LVC' or 'HC' in terms of power and speed?
- ⤷ What are the specific thermal operating ranges for the 'MQB' military grade version?
- ⤷ Can this IC be used for level shifting between 3.3V and 5V systems?