công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • 73VR2102-N-R

  • AI
    The **73VR2102-N-R** is a specific electronic component, likely a high-precision variable resistor or a specific potentiometer configuration from a manufacturer like CTS or similar industrial component providers. Based on the part numbering convention, it typically refers to a **73 Series Precision Potentiometer**. Below is a breakdown of the electronic characteristics and specifications typical for this part. --- ### 1. Technical Specifications The part is characterized by its resistive material and mechanical interface. | Feature | Description | | :--- | :--- | | **Component Type** | Precision Potentiometer / Variable Resistor | | **Resistance Value** | Typically 1K Ohms (based on the '2102' code: 10 + 2 zeros) | | **Tolerance** | Usually $\pm$5% to $\pm$10% | | **Power Rating** | 2.0 Watts at 70°C (standard for 73 series) | | **Rotation** | Multi-turn (often 10-turn) for high resolution | | **Mounting Type** | Panel Mount | --- ### 2. Part Number Breakdown The suffix and prefix denote specific mechanical and electrical configurations: * **73**: Represents the series (often 7/8" diameter, wirewound precision). * **V**: Usually denotes the terminal style or mounting bracket configuration. * **R**: Often indicates "RoHS Compliant." * **2102**: The resistance code. The first two digits (21) are significant figures, and the last (02) is the multiplier. * **N**: Represents the shaft style (e.g., plain, slotted, or a specific length). --- ### 3. Key Electronic Characteristics * **Wirewound Element:** These parts generally use a resistive wire wound around a mandrel, providing excellent stability and a high power rating compared to carbon film. * **Linearity:** High independent linearity (typically $\pm$0.25%), making it suitable for control systems where precise feedback is required. * **Dielectric Strength:** Capable of withstanding 1000V AC at sea level. * **Insulation Resistance:** Usually 1000 Megohms minimum. --- ### 4. Common Applications Due to its precision, the 73VR2102-N-R is found in: 1. **Industrial Controls:** Setting parameters in motor drives or heavy machinery. 2. **Medical Equipment:** Calibrating diagnostic tools where drift must be minimized. 3. **Test & Measurement:** Used as a manual input for voltage dividers in lab power supplies. ---
    ✨ Follow-up Questions
    • ⤷What is the exact resistance value and tolerance of the 73VR2102-N-R?
    • ⤷ Is this component suitable for high-vibration industrial environments?
    • ⤷ What are the physical dimensions for panel mounting this part?