7343SLASHG1C2-ASVASLASHMS
AI

The part number **7343/G1C2-ASVA/MS** refers to a high-brightness Light Emitting Diode (LED) manufactured by **Everlight Electronics**. It is commonly used in indicators, signage, and backlighting.
---
## 1. Technical Specifications
| Parameter | Specification |
|:--- |:--- |
| **Technology** | InGaN (Indium Gallium Nitride) |
| **Emitted Color** | Green |
| **Lens Appearance** | Water Clear |
| **Package Type** | T-1 3/4 (5mm) Through-hole |
| **Luminous Intensity** | 18,000 to 45,000 mcd (at 20mA) |
| **Viewing Angle** | 30° |
| **Forward Voltage ($V_f$)** | 2.7V to 3.7V (Typical 3.3V) |
| **Wavelength** | 525nm (Dominant) |
---
## 2. Part Number Breakdown
The alphanumeric string follows Everlight's specific coding system:
- **7343**: Represents the physical package size and shape (5mm cylindrical with a rounded top).
- **G1C2**: Designates the chip material and color (Green InGaN).
- **ASVA**: This is the **Binning Code**. It indicates the specific range of:
- **A**: Minimum Luminous Intensity rank.
- **SV**: Sorting codes for brightness and voltage.
- **MS**: Usually denotes specific manufacturing standards or packaging (like "Standard" or "Moisture Sensitive" handling requirements).
---
## 3. Key Features and Applications
### Features
* **High Efficiency**: Uses InGaN technology for superior brightness compared to standard green LEDs.
* **Durability**: Lead-free and RoHS compliant.
* **Consistency**: Tight binning ensures color uniformity across a production run.
### Typical Applications
1. **Status Indicators**: Used in consumer electronics and industrial control panels.
2. **Outdoor Signage**: High intensity makes it visible in direct sunlight (Variable Message Signs).
3. **Backlighting**: Used for illuminated buttons and switches.
4. **Decorative Lighting**: Architectural accents and holiday displays.
---
## 4. Basic Circuit Connection
To operate this LED safely with a 5V supply, you must use a current-limiting resistor to prevent burnout.
```cpp
// Calculation for Resistor (R):
// R = (V_source - V_forward) / I_forward
// R = (5V - 3.3V) / 0.02A = 85 Ohms
// Use a standard 100 Ohm resistor for safety.
```
- ⤷What is the maximum forward current allowed for this LED?
- ⤷ How does the 'ASVA' binning code affect the price of the component?
- ⤷ What are the alternatives to this LED if I need a wider viewing angle?