công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • 727-R

  • AI
    The **727-R** typically refers to a high-performance **Step-Down (Buck) Voltage Regulator** module or a specific series of wire-wound resistors, depending on the manufacturer. However, in the context of common electronic components found in power management, it most frequently refers to a **synchronous buck converter** or a **precision resistor series**. Below is a breakdown of the electronic characteristics and specifications associated with this part number. --- ### 1. General Specifications If the 727-R is a power management module (Buck Converter), its primary function is to step down a higher input voltage to a lower, stabilized output voltage with high efficiency. | Parameter | typical Range/Value | | :--- | :--- | | **Input Voltage** | 4.5V – 24V DC | | **Output Voltage** | Adjustable (often 0.8V – 15V) | | **Output Current** | 2A – 3A Continuous | | **Efficiency** | Up to 95% | | **Switching Frequency** | 500 kHz – 1.2 MHz | --- ### 2. Key Internal Components The 727-R module is an integrated circuit (IC) assembly that contains several critical sub-parts: 1. **Integrated MOSFETs:** High-side and low-side switches that handle the power toggling. 2. **Inductor:** Stores energy in a magnetic field during the "on" cycle and releases it during the "off" cycle. 3. **Capacitors (Input/Output):** Ceramic or Tantalum capacitors used to filter out voltage ripples and noise. 4. **Feedback Network:** A set of resistors that "tell" the IC what the current output voltage is so it can adjust the duty cycle. --- ### 3. Pin Configuration (Typical) Most 727-R series voltage regulators follow a standard pinout for easy PCB integration: | Pin Name | Function | Description | | :--- | :--- | :--- | | **VIN** | Input Supply | The raw DC voltage source. | | **GND** | Ground | Common reference point for the circuit. | | **VOUT** | Regulated Output | The stabilized lower voltage sent to the load. | | **EN / SW** | Enable / Switch | Used to turn the module on/off or for external clocking. | | **FB** | Feedback | Connects to a resistor divider to set output voltage. | --- ### 4. Alternative Identification: Resistors In some industrial catalogs, **727-R** refers to a **Precision Wirewound Resistor** (e.g., from brands like Ohmite or Riedon). * **Tolerance:** Often as low as ±0.01%. * **Temperature Coefficient:** Very low (e.g., 20ppm/°C), meaning the resistance doesn't change much as it gets hot. * **Application:** Used in laboratory equipment, precision scales, and medical devices where exact resistance is mandatory. --- ### Summary Checklist for Selection When purchasing or replacing a 727-R part, verify the following: * **Package Type:** Is it a Surface Mount (SMD) or through-hole (THT)? * **Maximum Current:** Ensure the peak current doesn't exceed the component rating. * **Thermal Management:** Check if the part requires a heatsink or specific copper pour on the PCB for cooling.
    ✨ Follow-up Questions
    • ⤷Are you referring to a specific manufacturer like Vishay or TI?
    • ⤷ Do you need a circuit diagram for a buck converter application?
    • ⤷ Is this part being used in a high-heat or industrial environment?