7140LA55PFG
AI

The **7140LA55PFG** is a high-speed, low-power **Dual-Port Static RAM (SRAM)** integrated circuit manufactured by Renesas Electronics (formerly IDT - Integrated Device Technology).
Below is a detailed breakdown of its specifications, architecture, and applications.
---
### 1. Key Specifications
The following table summarizes the primary technical parameters of the device:
| Feature | Specification |
| :--- | :--- |
| **Memory Size** | 8 Kbit (1K x 8 bits) |
| **Access Time** | 55 ns (Nanoseconds) |
| **Voltage Supply** | 4.5V to 5.5V (Standard 5V) |
| **Current (Active)** | ~160 mA |
| **Current (Standby)** | ~1 mA (Low Power "L" version) |
| **Package Type** | TQFP-64 (Thin Quad Flat Pack, 64-pin) |
| **Operating Temp** | 0°C to +70°C (Commercial) |
---
### 2. Architecture and Functionality
The "Dual-Port" nature of this chip is its most significant feature. It allows two independent systems (or processors) to read and write to the same memory space simultaneously.
#### Dual-Port Features:
* **Independent Control:** It features two sets of addresses, data lines, and control signals (Read/Write, Chip Enable).
* **Asynchronous Operation:** The Left Port and Right Port can operate at different speeds or timings without interfering with each other.
* **Interrupt Logic:** It includes "Mailbox" interrupt flags to allow the two processors to communicate status updates to one another.
* **Arbitration:** It has internal hardware logic (BUSY pins) to manage "Write Contention" if both ports try to write to the same memory location at the exact same time.
---
### 3. Part Number Breakdown
Understanding the suffix codes helps in identifying specific variants:
| Segment | Meaning |
| :--- | :--- |
| **7140** | Base Part Number (1K x 8 Dual-Port RAM) |
| **L** | Low Power version |
| **A** | Design Revision / Improvement code |
| **55** | Speed Grade (55ns access time) |
| **PF** | Package Code (TQFP - Plastic Quad Flatpack) |
| **G** | Green/RoHS Compliant (Lead-free) |
---
### 4. Common Applications
Due to its ability to bridge two different processing units, the 7140LA55PFG is typically found in:
1. **Multiprocessor Systems:** Passing data between a primary CPU and a secondary DSP (Digital Signal Processor).
2. **Buffer Management:** Acting as a high-speed buffer for network interface cards.
3. **Industrial Automation:** Interfacing a real-time controller with a user-interface processor.
4. **Legacy Systems:** Often used in older telecommunications and medical imaging hardware.
---
- ⤷
What is the difference between the 7130 and 7140 series of Dual-Port RAM?
- ⤷ How does the 'BUSY' logic prevent data corruption in this chip?
- ⤷ Are there faster speed grades available for the 7140 series?