công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • 71342LA55PFGI8

  • AI
    The **71342LA55PFGI8** is a high-performance, low-power CMOS Multi-Port Static RAM (SRAM) manufactured by Renesas Electronics (formerly IDT - Integrated Device Technology). Specifically, it is a **4K x 8 Dual-Port Static RAM**. --- ## 1. Technical Specifications The table below highlights the core technical characteristics of this specific part number. | Parameter | Specification | | :--- | :--- | | **Memory Size** | 32 Kbit (4K x 8) | | **Interface** | Parallel (Dual-Port) | | **Access Time** | 55 ns | | **Supply Voltage (Vcc)** | 4.5V to 5.5V (Standard 5V) | | **Package Type** | TQFP-64 (Thin Quad Flat Pack) | | **Temperature Grade** | Industrial (-40°C to +85°C) | | **Lead Status** | Lead-Free / RoHS Compliant | --- ## 2. Part Number Breakdown Understanding the alphanumeric code helps identify the specific variant: * **71342**: Base part number (High-speed 4K x 8 Dual-Port SRAM with Semaphore). * **L**: Low Power version. * **A**: Revision indicator. * **55**: 55 nanosecond access time (Speed). * **PFG**: Package code (Plastic Quad Flatpack, Green/RoHS). * **I**: Industrial temperature range. * **8**: Tape and Reel packaging (shipping method). --- ## 3. Core Functional Features ### Dual-Port Architecture This chip allows two independent systems (e.g., two different CPUs or a CPU and a DSP) to read and write to the same memory space simultaneously. It features two sets of independent control, address, and I/O pins. ### Arbitration & Semaphores To prevent data corruption when both ports try to access the same memory location, the 71342 series includes: * **Hardware Arbitration:** Prevents collisions. * **Semaphore Flags:** Software-controlled flags that allow the two processors to communicate and "hand off" shared memory resources safely. ### Power Management The "L" designation signifies it is a low-power component. It utilizes a full CMOS process, resulting in very low power consumption during battery backup modes or standby states. --- ## 4. Common Applications * **Inter-processor Communication:** Linking a main CPU to a secondary co-processor. * **Dual-Bus Systems:** Connecting a local bus to a system bus (like VME or PCI). * **Network Equipment:** Handling packet buffers where high-speed asynchronous access is required. * **Industrial Automation:** Real-time data sharing between control modules. ---
    ✨ Follow-up Questions
    • ⤷ What is the difference between the 71342 and the 7130 series Dual-Port RAM?
    • ⤷ Can this chip be used in 3.3V systems without a level shifter?
    • ⤷ How do the semaphore flags prevent 'race conditions' in this device?