công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • 71342LA55JG

  • AI
    ### Overview of the 71342LA55JG The **71342LA55JG** is a high-performance **High-Speed 4K x 8 Dual-Port Static RAM (SRAM)**. It is designed to allow two independent systems to access the same memory array simultaneously, making it ideal for communication between microprocessors or between a processor and a digital signal processor (DSP). --- ### Technical Specifications The following table details the core electronic characteristics of the component: | Parameter | Specification | | :--- | :--- | | **Memory Density** | 32 Kbit (4,096 words x 8 bits) | | **Access Time** | 55 ns (Nanoseconds) | | **Interface** | Dual-Port Parallel | | **Supply Voltage** | 5.0V ± 10% | | **Package Type** | PLCC-52 (Plastic Leaded Chip Carrier) | | **Power Consumption** | Low Power ("LA" version) | | **Temperature Range** | Commercial or Industrial (check specific batch) | --- ### Key Electronic Features #### 1. Dual-Port Architecture Unlike standard RAM, this chip has two sets of address, data, and control lines. This allows: * **True Simultaneous Access:** Both ports can read or write to any location in the memory at the same time. * **Hardware Arbitration:** It includes specific pins (`BUSY`) to handle "write-contention" scenarios where both ports attempt to write to the same address simultaneously. #### 2. Power Management ("LA" Variant) The "LA" designation indicates a **Low Power** version. It features: * **Standby Mode:** Automatically enters a low-power state when chip enables are de-asserted. * **Battery Backup Compatibility:** Due to its low power consumption, it is often used in systems where data must be retained via a small battery during power loss. #### 3. Control Logic The chip utilizes standard SRAM control signals for both the Left and Right ports: * **CE (Chip Enable):** Activates the port. * **OE (Output Enable):** Manages the data output buffers. * **R/W (Read/Write):** Determines the direction of data flow. * **SEM (Semaphore):** Used for software-level coordination between the two processors. --- ### Pin Configuration (PLCC-52) The 52-pin PLCC layout is designed to group signals by port to minimize electromagnetic interference (EMI). ```text Pin Groups: - A0L - A11L: Address inputs for the Left Port - D0L - D7L: Data I/O for the Left Port - A0R - A11R: Address inputs for the Right Port - D0R - D7R: Data I/O for the Right Port - BUSY: Flags for port contention - INTERRUPT: Flags for communication messaging ``` --- ### Common Applications * **Inter-Processor Communication:** Bridging a 16-bit and an 8-bit CPU. * **Buffering:** Acting as a mailbox between a main CPU and a peripheral controller. * **Network Equipment:** Handling packet data between different processing units.
    ✨ Follow-up Questions
    • ⤷ What is the difference between the 71342 'LA' and 'SA' versions?
    • ⤷ How does the 'BUSY' logic work in this dual-port SRAM?
    • ⤷ Are there modern pin-compatible replacements for this PLCC-52 chip?