7130LA55TFGI8
AI

## Technical Overview of 7130LA55TFGI8
The **7130LA55TFGI8** is a high-performance **Dual-Port Static RAM (SRAM)** manufactured by Renesas Electronics (formerly IDT - Integrated Device Technology). This component is designed to allow two independent systems (or processors) to access a common memory space simultaneously.
---
### 1. Key Technical Specifications
| Feature | Specification |
| :--- | :--- |
| **Memory Type** | SRAM - Dual Port, Asynchronous |
| **Memory Size** | 8Kbit (1K x 8 bits) |
| **Access Time** | 55 ns |
| **Interface** | Parallel |
| **Voltage Supply** | 4.5V ~ 5.5V |
| **Operating Temp** | -40°C ~ 85°C (Industrial Grade) |
| **Package Type** | TQFP-64 (Thin Quad Flat Pack) |
| **Mounting Type** | Surface Mount |
---
### 2. Functional Architecture
The core functionality of this chip revolves around its **dual-port nature**. Unlike standard RAM, it features:
* **Independent Control:** Two separate sets of address, data, and control pins (Left Port and Right Port).
* **Simultaneous Access:** Both ports can read or write to any location in the memory at the same time, provided they are not writing to the exact same address simultaneously.
* **Arbitration Logic:** It includes "Busy" logic signals to manage contention if both ports attempt to access the same memory location at once.
* **Interrupt Function:** It has a "Mailbox" interrupt feature used for communication between the two processors.
---
### 3. Pinout and Connectivity
The **TQFP-64** package provides a high density of connections. Key pin groups include:
* **A0L - A9L / A0R - A9R:** Address inputs for Left and Right ports.
* **I/O0L - I/O7L / I/O0R - I/O7R:** Data Input/Output for Left and Right ports.
* **CE, OE, R/W:** Chip Enable, Output Enable, and Read/Write controls for each side.
* **BUSY:** Indicates when a port access is delayed due to contention.
* **INT:** Interrupt flags to signal the other port.
---
### 4. Part Number Breakdown
Understanding the nomenclature helps in identifying variants:
* **7130:** Part number for 1K x 8 Dual-Port RAM.
* **LA:** Low Power version.
* **55:** 55 nanosecond access speed.
* **TF:** Plastic Thin Quad Flatpack (TQFP).
* **G:** Green (RoHS compliant / Lead-free).
* **I:** Industrial temperature range.
* **8:** Tape and Reel packaging.
---
### 5. Common Applications
* **Inter-processor Communication:** Linking a Digital Signal Processor (DSP) and a Microcontroller (MCU).
* **Video Buffering:** Allowing a graphics engine and a CPU to share frame data.
* **Network Equipment:** Handling packet data between different line cards.
* **Shared Memory Systems:** In industrial automation where multiple controllers need real-time data access.
- ⤷
What is the difference between the 'LA' and 'L' versions of this SRAM chip?
- ⤷ How does the 'Busy' logic handle simultaneous write attempts to the same address?
- ⤷ Are there faster access time versions available for the 7130 series?