công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • 7130LA55L48B

  • AI
    The **7130LA55L48B** is a high-performance, high-speed **1K x 8 CMOS Dual-Port Static RAM (SRAM)** manufactured by Renesas (formerly IDT - Integrated Device Technology). This component is designed to allow two independent ports to read and write data to the same memory location simultaneously. --- ## 1. Part Number Breakdown Understanding the specific suffix helps in identifying the technical capabilities of the chip: | Code Segment | Meaning | | :--- | :--- | | **7130** | Base Part Number (Dual-Port RAM, 1K x 8 configuration) | | **LA** | Low Power version | | **55** | Speed Grade: 55ns (Access Time) | | **L48** | Package Type: 48-pin LCC (Leadless Chip Carrier) | | **B** | Processing: Military/High-Reliability Grade | --- ## 2. Technical Specifications The device is characterized by its ability to interface between two separate systems (e.g., two CPUs or a CPU and a DSP) without the need for complex wait-state logic. ### Key Performance Data * **Memory Density:** 8 Kilobits (1,024 words x 8 bits). * **Access Time:** 55ns (nanoseconds). * **Operating Voltage:** 5.0V (±10%). * **Interface:** TTL Compatible. * **Power Consumption:** * **Active:** ~600mW (approximate for this speed grade). * **Standby:** Significantly reduced in "LA" (Low Power) mode. --- ## 3. Core Functional Features ### Dual-Port Architecture The 7130 contains two completely independent sets of control, address, and I/O pins (Left Port and Right Port). This allows: * **Concurrent Access:** Both ports can access any memory location at the same time. * **Arbitration Logic:** Includes hardware "Busy" logic to manage situations where both ports attempt to write to the same address simultaneously. ### Interrupt Flags It features **Interrupt (INT)** flags for communication between processors. Writing to a specific "mailbox" memory location can trigger an interrupt on the opposing port, facilitating efficient handshaking. --- ## 4. Typical Applications Because of its high reliability (**B grade**) and dual-port nature, it is commonly used in: 1. **Aerospace and Defense:** High-reliability systems requiring data sharing between redundant processors. 2. **Digital Signal Processing (DSP):** Buffering data between a controller and a signal processor. 3. **Industrial Controls:** Interfacing microcontrollers in complex automation environments. 4. **Legacy Systems:** Often found in older high-end computing or networking hardware. --- ## 5. Equivalent Replacement Notice As this is a specialized military-grade part in an LCC package, it is often considered a "Legacy" component. Modern designs might use integrated FPGA memory or newer serial dual-port RAMs, though the 7130 remains a standard for maintaining existing high-rel systems.
    ✨ Follow-up Questions
    • ⤷ What are the specific pinout differences between the LCC and the PLCC versions of this chip?
    • ⤷ How does the 'Busy' logic handle simultaneous write operations to the same address?
    • ⤷ Are there modern drop-in replacements for the 7130 series in commercial applications?