7130LA55FB
AI

The **7130LA55FB** is a high-performance, asynchronous Dual-Port Static RAM (SRAM) chip. It is designed to allow two independent systems (or processors) to access a shared memory space simultaneously without interference.
---
## 1. Core Technical Specifications
The following table summarizes the primary electrical and physical characteristics of the component:
| Feature | Specification |
| :--- | :--- |
| **Memory Density** | 8 Kbit (1K x 8 bits) |
| **Access Time** | 55 ns (Nanoseconds) |
| **Technology** | CMOS (Low Power) |
| **Package Type** | FP (Flatpack) / Ceramic Leadless Chip Carrier (CLCC) |
| **Supply Voltage** | 5.0V ± 10% |
| **Military Standard** | MIL-PRF-38535 (Class B) |
---
## 2. Pin and Port Functionality
The 7130 architecture features two identical ports: **Left Port** and **Right Port**. Each port contains:
* **Address Inputs ($A_0 - A_9$):** Decides which of the 1,024 bytes is being accessed.
* **Data I/O ($DQ_0 - DQ_7$):** The 8-bit bidirectional data bus.
* **Control Signals:**
* **$\overline{CE}$ (Chip Enable):** Activates the specific port.
* **$\overline{OE}$ (Output Enable):** Controls the data output buffers.
* **$\text{R/}\overline{W}$ (Read/Write):** Determines the direction of data flow.
---
## 3. Conflict Resolution Hardware
Because two processors might try to write to the same address at the exact same time, the 7130LA55FB includes built-in arbitration logic:
### Interrupt Logic ($\overline{INT}$)
It acts as a mailbox system. If the Left port writes to a specific "mailbox" address, the Right port's interrupt pin is pulled low to signal that new data is available.
### Busy Logic ($\overline{BUSY}$)
If both ports attempt to access the same memory location simultaneously, the internal hardware decides a "winner" based on which signal arrived first (by as little as nanoseconds). The "loser" receives a **$\overline{BUSY}$** signal, forcing the processor to wait until the memory is free.
---
## 4. Part Number Breakdown: 7130LA55FB
Understanding the suffix codes is critical for replacement or engineering:
* **7130:** Base part number (1K x 8 Dual-Port RAM).
* **L / LA:** Low Power version.
* **55:** Speed rating (55ns access time).
* **F:** Ceramic Flatpack package (high reliability).
* **B:** Compliant to MIL-STD-883, Class B (Military/Aerospace grade).
---
## 5. Applications
* **Digital Signal Processing (DSP):** Passing data between a CPU and a DSP.
* **Aerospace & Defense:** Used in flight computers where high reliability and radiation tolerance are required.
* **Communication Buffers:** Bridging two different data buses with different clock speeds.
- ⤷
What is the power consumption difference between the 'LA' and standard versions?
- ⤷How does the BUSY logic handle a tie-breaker situation exactly?
- ⤷What are the modern alternatives if this specific ceramic package is obsolete?