công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • 670-R

  • AI
    The **670-R** typically refers to a high-performance **Differential Pressure (DP) Transducer** or a specific electronic component used in industrial automation and sensing. Most commonly, this model number is associated with pressure measurement instrumentation. Below is an overview of the electronic components and technical specifications associated with the 670-R series devices. --- ### 1. Core Electronic Specifications These devices are designed to convert physical pressure changes into precise electrical signals. | Feature | Specification | | :--- | :--- | | **Input Voltage** | Typically 15V DC to 24V DC | | **Output Signal** | 0–5V DC, 0–10V DC, or 4–20 mA (current loop) | | **Accuracy** | Often ±0.25% to ±0.50% of Full Scale | | **Response Time** | < 10ms to 50ms | | **Circuit Type** | Solid-state integrated circuitry | --- ### 2. Key Internal Electronic Parts The 670-R functions through a series of integrated electronic stages: #### A. Sensing Element (Capacitance or Piezoresistive) The heart of the unit is a diaphragm. When pressure is applied, the diaphragm moves, changing the capacitance or resistance. * **Capacitative Sensor:** Uses a gold-sputtered ceramic diaphragm to detect minute changes in electrical charge. #### B. Signal Conditioning Circuitry Because the raw output from the sensor is very weak (millivolts), internal electronics process the signal: * **Amplifier:** Boosts the signal to standard industrial levels. * **Linearization Circuit:** Ensures the output voltage/current is directly proportional to the physical pressure. * **Temperature Compensation:** Thermistors or compensation resistors offset errors caused by ambient heat. #### C. EMI/RFI Filtering Industrial environments are "noisy" electrically. The 670-R includes: * **Ferrite Beads:** To suppress high-frequency noise. * **Decoupling Capacitors:** To stabilize power supply fluctuations. --- ### 3. Pinout and Connection Interface Most 670-R units use a standard terminal block or a multi-pin circular connector (like a 9-pin D-sub or a Hirose connector). | Pin Type | Function | Description | | :--- | :--- | :--- | | **+Vcc** | Power In | Positive supply voltage. | | **Common** | Ground | Return path for power and signal. | | **Output** | Signal Out | The analog voltage or current representation of pressure. | | **Case** | Shield/Earth | Used to prevent electrical interference. | --- ### 4. Common Applications * **HVAC Systems:** Monitoring airflow and filter status. * **Cleanrooms:** Maintaining slight positive pressure to prevent contamination. * **Semiconductor Manufacturing:** Precise gas flow control in vacuum chambers. ---
    ✨ Follow-up Questions
    • ⤷What is the specific manufacturer of the 670-R you are referring to?
    • ⤷ How do I calibrate the zero and span on a 670-R transducer?
    • ⤷ What are the common failure modes for these electronic pressure sensors?