6125FF7-R
AI

The **6125FF7-R** is a high-performance, Surface Mount Device (SMD) fuse manufactured by **Eaton (formerly Bussmann)**. It belongs to the 6125FF series, known for its "Fast-Acting" (FF) characteristics.
### Technical Specifications
Below are the primary electrical and physical parameters for the 6125FF7-R:
| Parameter | Specification |
| :--- | :--- |
| **Current Rating** | 7 Amperes (7A) |
| **Voltage Rating (AC)** | 125 Vac |
| **Voltage Rating (DC)** | 72 Vdc |
| **Interrupting Rating** | 50A @ 125Vac / 300A @ 72Vdc |
| **Fuse Characteristic** | Fast-Acting (FF) |
| **Package / Case** | 2410 (6125 Metric) |
| **Mounting Type** | Surface Mount (SMD/SMT) |
| **Operating Temperature** | -55°C to +125°C |
---
### Key Features
* **Form Factor:** The "6125" designation refers to its physical size: **6.1mm x 2.5mm**. In the imperial system, this is equivalent to a **2410** footprint.
* **Fast-Acting Protection:** Designed to open quickly in the event of an overcurrent or short-circuit, protecting sensitive downstream components like ICs and MOSFETs.
* **Construction:** It features a brick-style ceramic body which provides excellent thermal stability and high "I²t" values (melting integral) despite its small size.
* **Compliance:** The "-R" suffix indicates that the part is **RoHS compliant** (lead-free).
---
### Typical Applications
This fuse is commonly used in industrial and consumer electronics where space is limited but high current protection is required:
1. **LCD Monitors and TVs:** Protecting backlight inverters.
2. **Power Supplies:** Secondary side protection in AC/DC adapters.
3. **Computing:** Laptops, servers, and storage system power rails.
4. **Medical Equipment:** Internal circuit protection for portable devices.
---
### Part Number Breakdown
Understanding the nomenclature helps in identifying variants:
| Prefix | Series | Amp Rating | RoHS |
| :--- | :--- | :--- | :--- |
| **6125** | **FF** | **7** | **-R** |
| Size (6.1x2.5mm) | Fast-Acting | 7 Amperes | Lead-Free/RoHS |
- ⤷
What is the difference between the 6125FF and 6125TD series?
- ⤷ What are the recommended soldering profiles for this 2410 SMD fuse?
- ⤷ Does this fuse have UL or CSA safety certifications?