công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • 6125FF6.3-R

  • AI
    The **6125FF6.3-R** is a high-performance surface-mount fuse commonly used in power management and circuit protection. Below is a detailed breakdown of its specifications and electronic characteristics. ### 1. General Overview The part number follows a specific nomenclature used by manufacturers (typically **Eaton/Bussmann**): * **6125**: Refers to the physical package size (6.1 x 2.5 mm). * **FF**: Indicates a "Very Fast-Acting" (Fast Fuse) response time. * **6.3**: Represents the rated current in Amperes. * **R**: Denotes RoHS compliance (Lead-free). --- ### 2. Technical Specifications The following table summarizes the key electrical and physical attributes of the 6125FF6.3-R: | Attribute | Specification | | :--- | :--- | | **Current Rating** | 6.3 Amps | | **Voltage Rating (AC)** | 125 VAC | | **Voltage Rating (DC)** | 72 VDC (typical) | | **Interrupt Rating** | 50A @ 125VAC / 300A @ 72VDC | | **Response Time** | Very Fast Acting | | **Package / Case** | 2410 (6125 Metric) | | **Operating Temperature** | -55°C to +125°C | | **Typical Resistance** | ~0.010 - 0.015 Ohms (Cold) | --- ### 3. Key Electronic Characteristics #### A. Fast-Acting Response (FF) Unlike "Time-Delay" (Slow-blow) fuses, the "FF" designation means this part is designed to open almost instantaneously when an overcurrent condition occurs. It is ideal for protecting sensitive semiconductor components (like ICs or MOSFETs) that cannot withstand even brief surges. #### B. Brick Fuse Construction The 6125 series is often called a "Brick Fuse" due to its rectangular ceramic body. This construction provides: * **High Mechanical Strength:** Resistant to vibration and shock. * **Arc Suppression:** The ceramic housing helps contain the internal arc when the fuse blows at high voltages. #### C. Footprint (2410 / 6125) The 2410 imperial size (6.1mm x 2.5mm) is a standard SMD (Surface Mount Device) footprint. It is larger than typical 1206 resistors, allowing it to handle higher current loads and provide better thermal dissipation. --- ### 4. Common Applications * **LCD Monitors & TVs:** Protecting the backlight inverters. * **Power Supplies:** Secondary side protection for DC-DC converters. * **Telecom Hardware:** Protecting line cards and base station equipment. * **Laptop/Notebooks:** Main power input protection.
    ✨ Follow-up Questions
    • ⤷What is the difference between the 'FF' and 'CC' designations in this fuse series?
    • ⤷ Can this fuse be used in automotive 12V systems safely?
    • ⤷ What are the recommended soldering profiles for 6125 SMD fuses?