công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • 61-R8

  • AI
    Based on the technical designation, **61-R8** typically refers to a specific type of **Precision Wirewound Resistor** or a specific **Electrical Enclosure/Switch** component depending on the manufacturer (often associated with brands like Ohmite or industrial control manufacturers). Below is a breakdown of the electronic specifications and characteristics associated with this part type. --- ### 1. Technical Specifications (Resistor Context) In most electronic engineering contexts, "61-R8" refers to a 0.82 Ohm resistor from a specific industrial series. | Parameter | Common Specification | | :--- | :--- | | **Component Type** | Fixed Wirewound Resistor | | **Resistance Value** | 0.82 $\Omega$ (R8 denotes the decimal) | | **Tolerance** | Usually $\pm 1\%$ or $\pm 5\%$ | | **Power Rating** | Typically 1W to 5W (Series dependent) | | **Temperature Coefficient** | $\pm 20$ to $\pm 50$ ppm/°C | | **Construction** | Ceramic core with wire winding and silicone/vitreous coating | --- ### 2. Physical Characteristics Components labeled under this numbering scheme generally share these physical traits: * **Axial Leads:** Designed for through-hole mounting on PCBs (Printed Circuit Boards). * **Heat Dissipation:** Wirewound construction allows for high heat resistance compared to carbon film resistors. * **Durability:** Usually flameproof and resistant to high-voltage surges. --- ### 3. Common Applications The 61-R8 part is primarily used in circuits requiring high precision and stability: 1. **Current Sensing:** Due to the low resistance value (0.82 $\Omega$), it is often used to measure current flow by monitoring the voltage drop across it. 2. **Power Supplies:** Used as a bleeder resistor or for inrush current limiting. 3. **Audio Equipment:** Found in crossover networks due to its inductive stability. 4. **Industrial Controls:** Used in motor controllers for feedback loops. --- ### 4. Part Number Breakdown If the part follows the standard industrial coding: ```text 61 - R8 | | | +-- Resistance Value (R = decimal point; 0.82 Ohms) +--------- Series Identifier (Determines physical size and wattage) ``` ---
    ✨ Follow-up Questions
    • ⤷What is the wattage rating for the 61 series resistors?
    • ⤷ Can this part be substituted with a Metal Film resistor?
    • ⤷ How do I test a 61-R8 component using a multimeter?