công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • 60S-161-R

  • AI
    The **60S-161-R** is a specific electronic component, most commonly identified as a **high-precision, single-turn potentiometer or trimmer** manufactured by companies like Vishay or Spectrol. It is designed for fine-tuning resistance in electronic circuits where stability and space-saving are critical. --- ### 1. General Specifications The part number follows a standardized nomenclature. Here is a breakdown of its typical physical and electrical characteristics: | Feature | Specification | | :--- | :--- | | **Component Type** | Potentiometer / Trimming Resistor | | **Resistive Material** | Cermet (Ceramic-Metal composite) | | **Adjustment Type** | Top Adjust (typically) | | **Number of Turns** | Single-turn (1 turn) | | **Resistance Value** | 160 Ohms (derived from the "161" code) | | **Tolerance** | ±10% to ±20% | | **Mounting Type** | Through-hole (PCB) | --- ### 2. Part Number Breakdown (60S-161-R) To understand the specific properties, we can decode the suffix and prefix: * **60S:** Refers to the series or model size (usually a small square or rectangular footprint, approx. 1/4 inch). * **161:** This is the resistance code. * `16` = The first two digits of the value. * `1` = The multiplier (number of zeros). * **Result:** 160 $\Omega$ (Ohms). * **R:** Usually indicates "RoHS Compliant" (lead-free) or specific packaging requirements like tape and reel. --- ### 3. Key Electronic Functions The 60S-161-R serves several critical roles in a circuit: 1. **Voltage Divider:** It can be used to create a variable output voltage proportional to the input. 2. **Current Limiter:** When wired as a rheostat, it controls the amount of current flowing through a branch of the circuit. 3. **Calibration:** It is frequently used for "Set and Forget" calibrations, such as adjusting the gain of an operational amplifier or setting the threshold of a sensor. --- ### 4. Technical Advantages * **Cermet Element:** Provides a high degree of environmental stability and a low temperature coefficient (minimal resistance drift as the part heats up). * **Compact Design:** The 60 series is designed for high-density PCB layouts. * **Sealed Construction:** Most parts in this series are sealed to withstand industrial cleaning processes (wave soldering and board washing). ---
    ✨ Follow-up Questions
    • ⤷What is the power rating (wattage) for the 60S series potentiometers?
    • ⤷ Can the 161 resistance code represent values other than 160 Ohms?
    • ⤷ What are the common alternatives to the 60S-161-R if it is out of stock?