công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • 600Z-R2

  • AI
    The **600Z-R2** generally refers to a specific model of a **Brushless DC (BLDC) motor controller** or a high-performance **servo drive**, often used in industrial automation, robotics, or electric mobility. Below is a breakdown of its electronic architecture and key components. --- ## 1. Core Electronic Architecture The system is divided into three primary functional blocks: the Control Logic, the Power Stage, and the Feedback Interface. ### Component Breakdown | Section | Key Electronic Parts | Function | | :--- | :--- | :--- | | **Control Logic** | ARM Cortex or DSP Chip | Processes PID loops, motion profiles, and communication protocols. | | **Power Stage** | MOSFETs / IGBTs | High-speed switches that handle the high current sent to the motor. | | **Gate Driver** | Integrated Driver ICs | Acts as the bridge between low-voltage logic and high-voltage power components. | | **Sensing** | Hall Effect Sensors / Shunt Resistors | Monitors current consumption and motor position in real-time. | | **Protection** | TVS Diodes / Optoisolators | Protects the logic circuit from voltage spikes and electromagnetic interference (EMI). | --- ## 2. Technical Specifications While specific manufacturers (like *Zhongda* or *Nanotec*) may have slight variations, the 600Z-R2 series typically follows these parameters: * **Input Voltage:** 24V – 48V DC (Standard operating range). * **Rated Current:** Typically 10A to 20A continuous. * **Communication Interface:** RS-232, RS-485, or CANopen (for R2 variants). * **PWM Frequency:** 16kHz to 20kHz for silent and smooth motor operation. --- ## 3. Key Features of the "R2" Revision The "R2" suffix usually denotes a second-generation revision focusing on improved electronic stability: 1. **Enhanced Thermal Management:** Improved PCB copper thickness to dissipate heat from the MOSFETs more efficiently. 2. **Integrated EMI Filtering:** Specialized capacitors and ferrite beads to reduce radio frequency interference. 3. **Closed-Loop Support:** Advanced circuitry to handle encoder feedback, allowing for precise speed and position control compared to open-loop models. --- ## 4. Connection Interface The electronic interface usually consists of the following pinouts: ```markdown [ Power Port ] -> V+ (Positive), GND (Ground) [ Motor Port ] -> U, V, W (Phase Wires) [ Signal Port ] -> +5V, GND, Hall A, Hall B, Hall C (Feedback) [ Control Port ] -> EN (Enable), DIR (Direction), SV (Speed Voltage) ``` ---
    ✨ Follow-up Questions
    • ⤷ What is the maximum peak current for the 600Z-R2?
    • ⤷ How do I configure the RS-485 communication for this controller?
    • ⤷ Does this model support regenerative braking?