công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • 600D158F010DX4

  • AI
    Based on the part number **600D158F010DX4**, this is a high-performance **Aluminum Electrolytic Capacitor** manufactured by **Vishay Sprague**. It belongs to the **600D series**, which is known for its industrial-grade reliability and "Extralytic" performance characteristics. --- ## 1. Technical Specifications Table | Parameter | Specification | | :--- | :--- | | **Manufacturer** | Vishay Sprague | | **Capacitance** | 1500 µF (Microfarads) | | **Voltage Rating** | 10 VDC (Volts Direct Current) | | **Tolerance** | -10% to +50% (F-code) | | **Mounting Type** | Through-Hole (Axial Lead) | | **Case Code** | DX (Approx. 0.375" x 1.625" / 9.5mm x 41.3mm) | | **Termination Style** | Standard Axial Leads | | **Operating Temp Range** | -55°C to +125°C | --- ## 2. Part Number Breakdown The part number follows a specific alphanumeric coding system used by Vishay: * **600D**: The series designation. These are high-reliability, long-life industrial capacitors designed for extreme temperatures. * **158**: The capacitance code. The first two digits (15) are significant, and the third (8) is the number of zeros. $15 \times 10^8$ picofarads = **1500 µF**. * **F**: The tolerance code. "F" represents a tolerance of **-10% to +50%**. * **010**: The voltage rating. This part is rated for **10 Volts**. * **DX**: The case size code. This defines the physical dimensions of the capacitor body. * **4**: The lead/packaging indicator (typically indicates a standard plastic sleeve or specific lead finish). --- ## 3. Key Features & Applications ### Features * **Wide Temperature Range:** Unlike standard consumer capacitors (85°C), this series operates up to **125°C**, making it suitable for military and heavy industrial environments. * **High Ripple Current:** Designed to handle significant AC ripple current without excessive overheating. * **Long Shelf Life:** Features low leakage current and high stability over time. ### Common Applications 1. **Filtering:** Used in power supply circuits to smooth out voltage fluctuations. 2. **Bypassing:** Diverting high-frequency noise to ground in industrial control boards. 3. **Coupling/Decoupling:** Blocking DC while allowing AC signals to pass in audio or signal processing equipment. 4. **Energy Storage:** Providing burst power for circuits that have fluctuating demand. --- ## 4. Visual/Physical Identification This capacitor is an **Axial Type**, meaning the leads come out of both ends (like a battery) rather than both out of one end (Radial). It is usually housed in a metal cylinder with an insulating plastic sleeve.
    ✨ Follow-up Questions
    • ⤷ What are the equivalent replacement parts for the 600D series?
    • ⤷ How does the 'Extralytic' technology differ from standard electrolytic capacitors?
    • ⤷ Is this part compliant with RoHS environmental standards?