công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • 5VS-46-R

  • AI
    ## Technical Overview: 5VS-46-R The **5VS-46-R** is a specific electronic component belonging to the family of **High-Voltage Variable Capacitors** (often categorized as Vacuum Variable Capacitors). These parts are primarily used in high-power Radio Frequency (RF) applications. --- ### 1. Key Technical Specifications Based on standard industry data for this part number, here are the typical specifications: | Parameter | Specification | | :--- | :--- | | **Capacitance Range** | 5 pF to 46 pF | | **Peak Voltage** | 3 kV to 5 kV (Model dependent) | | **Current Rating** | High RF Current capacity | | **Dielectric Type** | Vacuum (offers high insulation resistance) | | **Mounting** | Panel or Bracket mount | --- ### 2. Functional Characteristics The "5VS" series is designed for precision and stability in demanding environments. * **Vacuum Dielectric:** Unlike air-gapped capacitors, the vacuum eliminates the risk of internal arcing due to dust or humidity. This allows for a very high voltage rating in a compact physical size. * **Linear Tuning:** The mechanical design allows for precise adjustment of capacitance by turning a central shaft, which moves the internal plates closer or further apart without them touching. * **Low Losses:** Because the dielectric is a vacuum, the **Equivalent Series Resistance (ESR)** is extremely low, making it highly efficient for RF transmission. --- ### 3. Common Applications Due to its high voltage handling and variable nature, the 5VS-46-R is typically found in: 1. **Antenna Tuners:** Used to match the impedance of an antenna to a transmitter. 2. **RF Amplifiers:** Found in the output "Tank Circuits" of high-power tube amplifiers. 3. **Broadcast Equipment:** Used in AM/FM radio transmitters. 4. **Medical Equipment:** Used in certain MRI or RF ablation machinery requiring high-frequency stability. --- ### 4. Installation & Care * **Mechanical Limits:** Never force the adjustment shaft beyond its stop points; this can damage the internal bellows. * **Cleanliness:** Keep the external ceramic insulators clean. Dust or fingerprints on the ceramic can lead to "tracking" (surface arcing) at high voltages. * **Cooling:** In very high-power applications, ensure adequate airflow, as RF current can generate heat in the internal conductors.
    ✨ Follow-up Questions
    • ⤷ What is the mechanical life expectancy of the 5VS-46-R bellows?
    • ⤷ How does a vacuum capacitor compare to an air-variable capacitor in terms of size?
    • ⤷ What are the specific mounting requirements for this component?