5TS-74W-R
AI

The part number **5TS-74W-R** typically refers to a **High-Power Surface Mount (SMT) Shunt Resistor**, commonly used in current sensing applications. These components are designed for high precision and stability under high current loads.
### 1. Key Technical Specifications
Based on the standard parameters for this series of shunt resistors, here is a breakdown of the typical specifications:
| Feature | Description |
| :--- | :--- |
| **Component Type** | Current Sense Shunt Resistor |
| **Power Rating** | Approximately 5W to 7W (indicated by the '5' or '7' prefixing) |
| **Tolerance** | Usually $\pm$1% or $\pm$5% (Standard Precision) |
| **Mounting Type** | Surface Mount (SMD/SMT) |
| **Construction** | Metal Plate / Manganese Copper alloy |
| **RoHS Status** | Compliant (indicated by the '-R' suffix) |
---
### 2. Physical Characteristics
The **74W** designation often refers to the package size or the specific material configuration.
* **Dimensions:** These parts are generally larger than standard resistors to dissipate heat effectively.
* **Material:** They utilize specialized metal alloys (like Manganin) that provide a low **TCR** (Temperature Coefficient of Resistance). This ensures the resistance value doesn't drift significantly as the part heats up.
* **Terminals:** Usually features wide, robust solder pads to handle high-amperage flow without melting or creating excessive parasitic resistance.
---
### 3. Functional Purpose
The primary role of the 5TS-74W-R in an electronic circuit is **Current Sensing**.
1. **Ohm’s Law Application:** By placing this low-ohm resistor in series with a load, a small voltage drop is created ($V = I \times R$).
2. **Monitoring:** An Integrated Circuit (IC) or Microcontroller measures this voltage drop to calculate the exact current flowing through the system.
3. **Protection:** It is often used in over-current protection circuits to shut down power if the current exceeds safe limits.
### 4. Common Applications
* **Battery Management Systems (BMS):** Monitoring charge and discharge cycles in Lithium-ion packs.
* **Motor Controllers:** Managing torque and speed in industrial or automotive motors.
* **DC-DC Converters:** Providing feedback loops for power supply regulation.
* **Automotive Electronics:** Used in electronic power steering and braking systems.
---
- ⤷
What is the specific resistance value (Ohms) for the 5TS-74W-R?
- ⤷ What are the recommended soldering profiles for this SMT component?
- ⤷ How does the TCR (Temperature Coefficient) affect its accuracy in high-heat environments?